Electronic Components Datasheet Search
  English  ▼

X  

ACE527H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE527H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
1
Description
The ACE527H is a high performance LDO regulator specifically designed to deliver fixed/adjustable
output voltage with high PSRR and fast transient response. Internal 700mohm PMOS pass transistor
yields typical 420mV dropout voltage at 600mA output current.
Typical quiescent current is only 65uA. A logic low on the enable input, CE, shuts down the output and
reduces the supply current to less than 1uA. The ACE527H works stably with as low as 1uF ceramic output
capacitor, minimizing board space requirement.
Other features include adjustable soft start, high output accuracy, output current limiting, and thermal
protection. The ACE527H is available in the TSOT23-5, TSOT23-6, or WDFN1.6x1.6 packages.
Features
Wide Input Voltage Range, 2.2V to 6.0V
Fixed or Adjustable Output Voltage
High Output Voltage Accuracy, +/-1%
Fast Transient Response
Typical 420mV Dropout Voltage at 600mA Output Current
Small Output Capacitor, 1uF
Typical 65uA Quiescent Current
Less Than 1uA Shutdown Current
Dedicated Chip Enable Pin
Fixed or Adjustable Soft Start
Over Current Limitation
Thermal Protection
TSOT23-5, TSOT23-6, WDFN1.6x1.6 Packages
RoHS Compliant and Halogen Free
Application
Battery-Powered
Equipment’s
Hand-Held Electrical Appliances
Portable Communication Equ
ipment’s
Absolute Maximum Ratings
(Note 1)
Parameter
Value
Input Supply Voltage (V
IN)
-0.3V to 6.5V
Voltage at EN
-0.3V to 6.5V
Others
-0.3V to (V
IN + 0.3V)
ESD
(Note 2)
Human Body Mode
2kV
Machine Mode
200V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability and lifetime.
2:
This device is sensitive to electrostatic discharge. Follow proper handling procedures.


Similar Part No. - ACE527H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
ACE520BDGM+H ACE-ACE520BDGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520BEGM+H ACE-ACE520BEGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE527H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com