Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 151 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 151 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 150Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 151Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 152Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 153Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 154Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 155Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 167 page
background image
Rev. 1.50
150
De�e��e� 01� �01�
Rev. 1.50
151
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Configuration Option
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintothedevice
duringtheprogrammingprocess.Duringthedevelopmentprocess,theseoptionsareselectedusing
theHT-IDEsoftwaredevelopmenttools.Astheseoptionsareprogrammedintothedeviceusing
thehardwareprogrammingtools,oncetheyareselectedtheycannotbechangedlaterusingthe
applicationprogram.Alloptionsmustbedefinedforpropersystemfunction,thedetailsofwhichare
showninthetable.
No.
Options
Oscillator Options
1
High Speed System Oscillator Selection − fH:
1. HXT
�. ERC
3. HIRC
�
Low Speed System Oscillator Selection − fSUB:
1. LXT
�. LIRC
3
WDT Clock Selection − fS:
1. fSUB
�. fSYS/4
Note: The fSUB and the fTBC �lo�k sou��e a�e LXT o� LIRC sele�tion �y the fL configuration option.
Watchdog Options
4
CLR WDT Inst�u�tions Sele�tion:
1. 1 inst�u�tions
�. � inst�u�tions
SPI Options
5
WCOLn �it:
1. Ena�le
�. Disa�le
�
CSENn �it:
1. Ena�le
�. Disa�le



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com