Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 150 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 150 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 150Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 151Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 152Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 153Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 154Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 167 page
background image
Rev. 1.50
150
De�e��e� 01� �01�
Rev. 1.50
151
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
VDDSPI Pin Function
AstheSPIinterfacesconnecttoexternaldevices,theVDDSPIpincanbeconnectedtothepower
supplyofexternaldevicestoensurethecorrectI/Ovoltagelevelinterfacing.AstheVDDSPIpinis
pin-sharedwithotherfunctions,itmustbeenabledasaVDDSPIpinusingabitintheVDDSPICR
register.TheSPIinterfacescanalsousethedeviceVDDorVOREGastheirpowersupply,the
choiceofwhichisimplementedusingbitsintheVDDSPICRregister.
VDDSPICR Register
Bit
7
6
5
4
3
2
1
0
Na�e VDDSPIC — VDDSCK1 VDDSCK0 VDDSPI11 VDDSPI10 VDDSPI01 VDDSPI00
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
—
0
0
0
0
0
0
Bit7
VDDSPIC:SelectVDDSPIorPA7
0:I/O
1:VDDSPI
Bit6
Unimplemented,readas“0”
Bit5~4
VDDSCK1, VDDSCK0:INT1andSCKOpowersupplyselect
00:VDD
01:VOREG
10:VDD
11:VDDSPIpin
UsersmustsettheVDDSPICbitto“1”whenchoosingtheVDDSPIpin.
Bit3~2
VDDSPI11, VDDSPI10:SPI1powersupplyselect
00:VDD
01:VOREG
10:VDD
11:VDDSPI
UsersmustsettheVDDSPICbitto“1”whenchoosingtheVDDSPIpin.
Bit1~0
VDDSPI01, VDDSPI00:SPI0powersupplyselect
00:VDD
01:VOREG
10:VDD
11:VDDSPI
UsersmustsettheVDDSPICbitto“1”whenchoosingtheVDDSPIpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com