Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 167 page
background image
Rev. 1.50
14�
De�e��e� 01� �01�
Rev. 1.50
147
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
VLCDC Register
Bit
7
6
5
4
3
2
1
0
Na�e
VLCDEN
—
—
—
VLCD3
VLCD�
VLCD1
VLCD0
R/W
R/W
—
—
—
R/W
R/W
R/W
R/W
POR
0
—
—
—
0
0
0
0
Bit7
VLCDEN:LCDpowerenableordisablecontrol
0:disable–VSSconnectedtobiasingcircuits–LCDoff
1:enable–VLCDconnectedtoLCDbiasingcircuits
WhentheVLCDENbithasbeensetto“1”,theregulatormustbeenabledbythe
programsimultaneously,sothattheLCDcanobtainitspowersupply.
Bit6~4
Unimplemented,readas“0”
Bit3~0
VLCD3~VLCD0:LCDvoltageselect
0000:3.0V
0001:3.1V
0010:3.2V
0011:3.3V
0100:3.4V
0101:3.5V
0110:3.6V
0111:3.7V
1000:3.8V
1001:3.9V
1010:4.0V
1011:4.1V
1100:4.2V
1101:4.3V
1110:4.4V
1111:4.5V
Clock Source
TheLCDclocksourceistheinternalclocksignal,fSUB,dividedby8,usinganinternaldivider
circuit.ThefSUBinternalclockissuppliedbyeithertheLIRCorLXToscillator,thechoiceofwhich
isdeterminedbyaconfigurationoption.ForproperLCDoperation,thisarrangementisprovidedto
generateanidealLCDclocksourcefrequencyof4kHz.
fSUB Clock Source
LCD Clock Frequency
LIRC
4kHz
LXT
4kHz
LCD Clock Source
LCD Driver Output
WhentheSEG7C~SEG0CbitsintheSEGCRregisterareclearedtozero,theSEG7/PD7~SEG0/
PD0lineswillbesetupasLCDdriverpinstodrivetheLCDdisplay,otherwise,theywillhave
generalI/Ofunctions.ThebiasinganddutyofLCDaredependentuponhowtherelatedLCD
controlbitsareprogrammed.ThenatureofLiquidCrystalDisplaysrequirethatonlyACvoltages
canbeappliedtotheirpixelsastheapplicationofDCvoltagestoLCDpixelsmaycausepermanent
damage.ForthisreasontherelativecontrastofanLCDdisplayiscontrolledbytheactualRMS
voltageappliedtoeachpixel,whichisequaltotheRMSvalueofthevoltageontheCOMpinminus
thevoltageappliedtotheSEGpin.ThisdifferentialRMSvoltagemustbegreaterthantheLCD
saturationvoltageforthepixeltobeonandlessthanthethresholdvoltageforthepixeltobeoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com