Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 143 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 143 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 147Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 167 page
background image
Rev. 1.50
14�
De�e��e� 01� �01�
Rev. 1.50
143
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
LCD Driver
Forlargevolumeapplications,whichincorporateanLCDintheirdesign,theuseofacustom
displayratherthanamoreexpensivecharacterbaseddisplayreducescostssignificantly.However,
thecorrespondingCOMandSEGsignalsrequired,whichvaryinbothamplitudeandtime,todrive
suchacustomdisplayrequiremanyspecialconsiderationsforproperLCDoperationtooccur.This
devicecontainsanLCDDriverfunction,whichwithitsinternalLCDsignalgeneratingcircuitryand
variousoptions,willautomaticallygeneratethesetimeandamplitudevaryingsignalstoprovidea
meansofdirectdrivingandeasyinterfacingtoarangeofcustomLCDs.
Duty
Driver No.
Bias
Bias Type
Wave Type
1/4
�4×4
1/3 o� 1/4
R
A o� B
1/�
���
1/8
�0×8
LCD Display Memory
ThedeviceprovidesanareaofembeddeddatamemoryforLCDdisplay.Thisareaislocatedfrom
80Hto97HoftheRAMatBank1.Bankpointer(BP)istheswitchbetweentheRAMandtheLCD
displaymemory.WhenBP.2~BP.0issetto“001”,datawritteninto80H~97HwillaffecttheLCD
display.IftheBP.2~BP.0issettoavalueotherthan“001”,anydatawritteninto80H~FFHismeant
toaccessthegeneralpurposedatamemory.
TheLCDdisplaymemorycanbereadandwrittentoonlybyindirectaddressingmodeusingMP1.
Whendataiswrittenintothedisplaydataarea,itisautomaticallyreadbytheLCDdriverwhich
thengeneratesthecorrespondingLCDdrivingsignals.Toturnthedisplayonoroff,a“1”ora“0”
iswrittentothecorrespondingbitofthedisplaymemory,respectively.Thefigureillustratesthe
mappingbetweenthedisplaymemoryandLCDpatternforthedevice.
b7
b6
b5
b4
b3
b2
b1
b0
SE G 0
SE G 23
SE G 1
SEG 2 2
180H
181H
197H
196H
LCD Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com