Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 167 page
background image
Rev. 1.50
140
De�e��e� 01� �01�
Rev. 1.50
141
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Asingleregister,CHPRC,controlsoveralloperationofthechargepumpandregulator,controlling
functionssuchasthechargepumpon/off,regulatoron/offanddeterminestheclockdividervalueto
generatethechargepumpclockfrequency.
TheREGCENbitintheCHPRCregisteristheRegulator/Charge-Pumpmoduleenable/disable
controlbit.Ifthisbitisdisabled,thentheregulatorandchargepumpwillbothbedisabledtosave
power.Ifthisbitissetto“0”thenthechargepumpandregulatormodulewillbepowereddown
irrespectiveoftheCHPENbitsetting.IftheREGCENbitissetto“1”,theregulatorwillbeenabled.
IftheCHPENisenabled,thechargepumpwillbeactiveandwilluseVDDasitsinput,togenerate
thedoublevoltageoutput.Thedoublevoltagewillbeusedastheregulatorinput.IftheCHPENbit
issetto“0”,thechargepumpisdisabledandthechargepumpoutputwillbeequaltothecharge
pumpinputVDD.
Whenusingtheregulator,itisnecessarytotakenoteoftheVDDvoltage.Ifthevoltageisunder3.6V
then,theCHPENbitshouldbesethightoenablethechargepump;otherwiseCHPENshouldbe
clearedtozero.IfthechargepumpisdisabledandtheVDDisunder3.6V,thentheoutputvoltageof
theregulatorwillnotbeguaranteed.
CHPRC Register
Bit
7
6
5
4
3
2
1
0
Na�e CHPCKD4 CHPCKD3 CHPCKD� CHPCKD1 CHPCKD0
—
CHPEN REGCEN
R/W
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
POR
0
0
0
0
0
—
0
0
Bit7~3
CHPCKD4~CHPCKD0:Chargepumpclockdivider
Clockdivisionselect,rangeof1-32.
ChargePumpclock=(fSYS/16)/(CHPCKD+1)
ChargePumpclockshouldbeselectedtobeasnear20kHzaspossible.
Bit2
Unimplemented,readas“0”
Bit1
CHPEN:ChargePumpEnable/DisableControl
0:disable
1:enable
Bit0
REGCEN:RegulatorEnable/DisableControl
0:disable
1:enable
REGCEN
(control
signal)
CHPEN
(control
signal)
Charge
Pump
VOCHP
Pin
Regulator VOREG Pin
Description
0
0
OFF
VDD
OFF
Hi-I�pedan�e Co�plete �odule disa�led� OPA/ADC
loses powe�
0
1
OFF
VDD
OFF
VDD
Co�plete �odule disa�led� OPA/ADC
loses powe�
1
0
OFF
VDD
ON
3.3V
Use when VDD is g�eate� than 3.8V
(VDD>3.8V)
1
1
ON
�xVDD
ON
3.3V
Use when VDD is less than 3.8V
(VDD=�.�V~3.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com