Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 139 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 139 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 167 page
background image
Rev. 1.50
138
De�e��e� 01� �01�
Rev. 1.50
139
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Pressure Sensor Constant Current Control Register
CCVREFC Register
Bit
7
6
5
4
3
2
1
0
Na�e
CCVREFEN BATEN
—
—
CCVREF3 CCVREF� CCVREF1 CCVREF0
R/W
R/W
R/W
—
—
R/W
R/W
R/W
R/W
POR
0
0
—
—
0
0
0
0
Bit7
CCVREFEN:Sensorfixedcurrentcircuitenable/disable
0:disable–constantcurrentcircuitpowereddown
1:enable
Bit6
BATEN:Batteryvoltagesensecircuitenable/disable
0:disable–batterydetectcircuitpowereddown
1:enable
Bit5~4
Unimplemented,readas“0”
Bit3~0
CCVREF3~CCVREF0:Sensorconstantcurrentgeneratorvoltagereferenceselection
0000:0.2V
0001:0.25V
0010:0.3V
0011:0.35V
0100:0.4V
0101:0.45V
0110:0.5V
0111:0.55V
1000:0.6V
1001:0.65V
1010:0.7V
1011:0.75V
1100:0.8V
1101:0.85V
1110:0.9V
1111:0.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com