Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 167 page
background image
Rev. 1.50
13�
De�e��e� 01� �01�
Rev. 1.50
137
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
SCFC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SCFLF1 SCFLF0
SCFA5
SCFA4
SCFA3
SCFA�
SCFA1
SCFA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
SCFLF1~SCFLF0:SCFLowPassFiltercutofffrequencyselection
Band-passfilter–3dBselection:
00:9Hz
01:10Hz
10:11Hz
11:12Hz
Bit5~0
SCFA5~SCFA0:SCFGainselection
Gainrange:0~63
Gain=56+4xSCFA[5:0]
SCFC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
SCFADSF SCFADC SCFCKP� SCFCKP1 SCFCKP0
—
—
R/W
—
R
R/W
R/W
R/W
R/W
—
—
POR
—
0
0
0
0
0
—
—
Bit7
Unimplemented,readas"0"
Bit6
SCFADSF:EnableA/DConvertertomeasureSCFoutputsignal
0:DisableA/DConvertertomeasureSCFoutputsignal
1:EnableA/DConvertertomeasureSCFoutputsignal
Bit5
SCFADC:A/DConverterEnable/DisableautomeasureSCFoutputsignal
0:Disable
1:Enable–A/DconverterwillautomaticallyinitiateanSCFsignalA/Dconversion
Bit4~2
SCFCKP2~SCFCKP0:SCFclockprescaler
000:fSYS/8
001:fSYS/16
010:fSYS/32
011:fSYS/64
100:fSYS/128
101:fSYS/256
110:fSYS/512
111:fSYS/1024
Bit1~0
Unimplemented,readas“0”
SCFCKD Register
Bit
7
6
5
4
3
2
1
0
Na�e
SCFCKD7 SCFCKD� SCFCKD5 SCFCKD4 SCFCKD3 SCFCKD� SCFCKD1 SCFCKD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
SCFCKD7~SCFCKD0:TheSCFcircuitclockdivider.
These8bitscanformtheclockdividedby1-256.
Followingthebelowequation:SCFclock=fSCF/(SCFCKD+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com