Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 135 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 135 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 167 page
background image
Rev. 1.50
134
De�e��e� 01� �01�
Rev. 1.50
135
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Switched Capacitor Filter
Thedeviceincludesabandpassswitchcapacitorfilter.TheSCFPGAinputvoltagerange,Vin,is
30µV~150µV.IntheSCFtheLowPassFiltercutofffrequencycanbeselectedtobe:9Hz,10Hz,
11Hz,12Hz,selectedusingtheSCFC0register.Thehighpassfiltercutofffrequencyisfixedat0.7Hz.
TheSCFalsoincludesaPGAfunctionwhosegaincanbesetupusingtheSCFC0registertohavea
valuebetween56and308,selectedin64discretestages,usingbitsintheSCFC0register.TheSCF
gainisgivenbythefollowingformula:
SCFGain=56+4×SCFA[5:0]
TheSCFrequiresaclockwithafrequencyofabout488Hz.TheSCFissourcedfromthesystem
clockandsubdividedusingbitsintheSCFC1andSFCKDregisters.TheSCFclockisgivenbythe
followingformula:
SCFclock=fSCF/(SCFCKD+1)
whereSCFCKDrepresentthedecimalvalueofthe8bitsintheSCFCKDregister,andwherefSCF
=fSYS/8,fSYS/16,fSYS/32,fSYS/64,fSYS/128,fSYS/256,fSYS/512,fSYS/1024selectedusingbitsinthe
SCFC1register.
SCF Signal Automatic A/D Conversion
TheSCFisconnectedtotheA/DconverterandcanbesetuptoexecuteautomaticA/Dconversion
fortheSCFoutputsignal.WhentheautomeasureA/DConverterEnable/Disablebit,SCFADC,is
high,thentheA/DconverterwillautomaticallyselecttheSCFoutputasitsinputchannelandwill
overrideanyapplicationprogramA/Dchannelselectionconfiguration.Here,anA/Dconversion
process,initiatedbytheapplicationprogramwillstillbeeffective.IfanA/Dconversionprocess,
initiatedbyeithertheSCForapplicationprogram,isstillinprogress,andanotherA/Dinitiation
request(i.e.START)occurs,thenthislastA/Drequestwillalwayshavepriority.
TheaccompanyingdiagramshowstherelationshipbetweentheautomaticA/Dconversionprocess
andtheSCFclock.
SCF �lo�k (488Hz)
SCF auto t�igge� ADC
sta�t o� SCFADSF flag
Inte�val when SCF output is availa�le fo� A/D �onve�sion
He�e the SCF output is auto�ati�ally �onve�ted �y
the A/D �onve�te� and gene�ates an SCF inte��upt.
Automatic SCF Signal A/D Converter Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com