Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 136 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 136 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 167 page
background image
Rev. 1.50
13�
De�e��e� 01� �01�
Rev. 1.50
137
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
PGA Control Register
PGAC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PGAEN PGAA01 PGAA00 PGAVREF4 PGAVREF3 PGAVREF� PGAVREF1 PGAVREF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
PGAEN:enable/disable
0:disable–allPGAandSCFcircuitspowereddown
1:enable
Bit6~5
PGAA01, PGAA00:PGA1firststagegainselection
00:8
01:16
10:32
11:64
Bit4~0
PGAVREF4~PGAVREF0:PGA1OffsetVoltageselection
PGA1OffsetVoltage=([PGAVREF4:0]/32)*VOREG
PGAC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
CPEN
BIPGA1
BIPGA0 PGAA14 PGAA13 PGAA1� PGAA11 PGAA10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
CPEN:PGA1’schopperenabled/disabledcontrol
0:disabled
1:enabled
Whenchopperisenabled,thesystemwillsupplya12kHztoPAG1forchopper
operation.
Bit6~5
BIPGA1, BIPGA0:low-noiseOPAbiascurrentcontrol
Bit4~0
PGAA14~PGAA10:PGA1secondstagegainselection
Gainrange:0~31
Gain=(1+[PGAA14:PAGA10]/32)
PGAC2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:PAG2OffsetVoltageselection
PGA2OffsetVoltage=(3.3Vx[PGAC2[7:0]/256)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com