Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 140 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 140 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 144Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 167 page
background image
Rev. 1.50
140
De�e��e� 01� �01�
Rev. 1.50
141
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Charge Pump and Voltage Regulator
Theredeviceincludesachargepumpandonevoltageregulatorforgenerationofaconstant3.3Vvoltage.
Operation
Thechargepumpcanbeenabledordisableddependingontheapplication.Thechargepumpacts
asavoltagedoublerwithVDDasitsinput.Theoutputvoltageofchargepumpwillthereforebe
VDD×2.Thisvoltageisprovidedtotheregulatorinputwhichwillinturngenerateastable3.3V
voltage,whichcanbeusedbytheA/Dconverterorasanexternalsensorexcitationvoltageorother
applications.Itisnecessarythatthechargepumpprovidesaminimumoutputvoltageofgreaterthan
3.6Vtoprovidetheregulatorwithitsminimumoperatingvoltageforproper3.3Vvoltagegeneration.
Theblockdiagramofthesetwofunctionsisshownbelow:
Cha�ge Pu�p
(Voltage Dou�le�)
Regulato�
(3.3V)
ADC
OPA
WDT
PGA
SCF
VOCHP
VOREG
CHPC1
CHPC�
VDDCH
VDDCH x �
Divide�
fS
CHPCKD
REGCEN
CHPEN
VDDCH
VSSCH
3.3V
Thechargepumpapplicationcircuitisshownbelow:
HT45F3W
CHPC1
PC�/CHPC�
VOCHP
VOREG/AVDD
VSS/AVSS/VSSCH
C1
C�
C3
Charge pump Circuit
Note:1.C1uses10μFMLCCcapacitor.
2.C2andC3use1μF~10μFElectrolyticcapacitor
3.WhenenteringtheHALTmode,thehardwarewillturnofftheChargepumpautomaticallyto
preventthechargepumpoutputbeinginanunknownstate.DuringthistimetheLCDcannotbe
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com