Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 142 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 142 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 146Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 167 page
background image
Rev. 1.50
14�
De�e��e� 01� �01�
Rev. 1.50
143
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
IfVDDisgreaterthan3.8V,thechargepumpinterruptflagwillbesetandthedeviceshouldturnoff
thechargepumpautomaticallyusingtheapplicationprogram.
TheChargePumpclocksourcecomesfromthesystemclock.TheCHPCKD[4:0]bitsareusedto
settheclockdividerratiotogeneratethedesiredclockfrequencytoforthechargepumpmodule.
Theactualfrequencyisdecidedbythefollowingformula:
ChargePumpClockFrequency=(fSYS/16)/(CHPCKD+1)
Itisrecommendedthatthechargepumpclockfrequencykeptcloseto20kHz.Theapplication
programneedstosetthecorrectvaluetogetthedesiredclockfrequency.Forexample,fora4MHZ
application,theCHPCKDbitsshouldbesetto11,andfora2MHzapplication,thecorrectvalueof
CHPCKDis5.
Thechargepumpmodulecontainsavoltagedetectcircuittodetectwhethertheinputvoltageis
greaterthan3.8V.Thetworelatedcontrolbitsforchargepumpinputvoltagedetectoriscontained
intheCTRL2register.TheCPDENbitisusedtoenableordisabletheinputvoltagedetectfunction.
TheotherCPFbit,isareadonlybit.CPFisaflagbittorecordthecurrentchargepumpinput
voltagestatus.Iftheinputvoltageisgreaterthan3.6V,theCPFwillbesethigh,otherwise,itwill
beclearedtozero.Whentheinputvoltageisover3.6V,itisalsonecessarytotakenotethatacharge
pumpinterruptwillbegenerated.Note:WhenenteringtheHALTmode,thehardwarewillturn
offtheChargepumpautomaticallytopreventthechargepumpoutputbeinginanunknownstate.
DuringthistimetheLCDcannotbeused.Note:About15msafterenablingtheregulator,astable
outputwillbegenerated.Onlyafterthistimecantherelatedanalogcircuits(ADC,OPA,WDT,
PGA,SCF)besetupandused.IfthePGAhasbeenenabled,thenwaitforabout400msbefore
settingandoperatingtheADC.
CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
DACEN
CPDEN INT1ES1 INT1ES0 INT0ES1 INT0ES0
CPF
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
—
POR
0
0
1
0
1
0
0
—
Bit7
Describedelsewhere
Bit6
CPDEN:Chargepumpinputvoltagedetectorcircuitdisable/enablecontrol
0:disable
1:enable
IfCPDEN=0,theChargepumpvoltageinputdetectorcircuitisdisabled,CPFwill
remainat0,andthedetectorcircuitconsumesnopower.
Bit5~2
Describedelsewhere
Bit1
CPF:Chargepumpinputvoltagedetectorflag
0:Chargepumpinputvoltageisabove3.8V
1:Chargepumpinputvoltageisequaltoorunder3.8V
WhenCPDENandREGCENareenabled,theCPFwillbeworking.
Bit0
Unimplemented,readas“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com