Electronic Components Datasheet Search
  English  ▼

X  

HT66F007 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
Rev. 1.41
80
April 11, 2017
Rev. 1.41
81
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
TM2DL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
TM2DL:TM2CounterLowByteRegisterbit7~bit0
TM216-bitCounterbit7~bit0
TM2DH Register
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
TM2DH:TM2CounterHighByteRegisterbit7~bit0
TM216-bitCounterbit15~bit8
TM2AL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
TM2AL:TM2CCRALowByteRegisterbit7~bit0
TM216-bitCCRAbit7~bit0
TM2AH Register
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
TM2AH:TM2CCRAHighByteRegisterbit7~bit0
TM216-bitCCRAbit15~bit8
TM2RP Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
TM2RP:TM2CCRPHighByteRegisterbit7~bit0
TM2CCRP8-bitregister,comparedwiththeTM2Counterbit15~bit8.
ComparatorPMatchPeriod
0:65536TM2clocks
1~255:256×(1~255)TM2clocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter’shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheT2CCLRbitissetto
zero.SettingtheT2CCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com