Electronic Components Datasheet Search
  English  ▼

X  

HT66F007 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
Rev. 1.41
26
April 11, 2017
Rev. 1.41
27
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
EEPROM Data Memory
OneofthespecialfeaturesinthedevicesistheirinternalEEPROMDataMemory.EEPROM,which
standsforElectricallyErasableProgrammableReadOnlyMemory,isbyitsnatureanon-volatile
formofmemory,withdataretentionevenwhenitspowersupplyisremoved.Byincorporating
thiskindofdatamemory,awholenewhostofapplicationpossibilitiesaremadeavailabletothe
designer.TheavailabilityofEEPROMstorageallowsinformationsuchasproductidentification
numbers,calibrationvalues,specificuserdata,systemsetupdataorotherproductinformationto
bestoreddirectlywithintheproductmicrocontroller.Theprocessofreadingandwritingdatatothe
EEPROMmemoryhasbeenreducedtoaverytrivialaffair.
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityvariesfrom512×8to1024×8bits.UnliketheProgram
MemoryandRAMDataMemory,theEEPROMDataMemoryisnotdirectlymappedandis
thereforenotdirectlyaccessibleinthesamewayastheothertypesofmemory.ReadandWrite
operationstotheEEPROMarecarriedoutinsinglebyteoperationsusinganaddressanddata
registerinBank0andasinglecontrolregisterinBank1.
Device
Capacity
Address
HT66F007
512×8
000H~1FFH
HT66F008
1024×8
000H~3FFH
EEPROM Registers
FourregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Thesearethe
addressregisters,EEAandEEAH,thedataregister,EEDandasinglecontrolregister,EEC.Asall
theEEA,EEAHandEEDregistersarelocatedinBank0,theycanbedirectlyaccessedinthesame
wayasanyotherSpecialFunctionRegister.TheEECregisterhowever,beinglocatedinBank1,
cannotbedirectlyaddresseddirectlyandcanonlybereadfromorwrittentoindirectlyusingthe
MP1MemoryPointerandIndirectAddressingRegister,IAR1.BecausetheEECcontrolregisteris
locatedataddress40HinBank1,theMP1MemoryPointermustfirstbesettothevalue40Hand
theBankPointerregister,BP,settothevalue,01H,beforeanyoperationsontheEECregisterare
executed.
Register
Name
Bit
7
6
5
4
3
2
1
0
EEA
D7
D6
D5
D4
D3
D2
D1
D0
EEAH
—
—
—
—
—
—
—
D8
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
EEPROM Control Registers List – HT66F007
Register
Name
Bit
7
6
5
4
3
2
1
0
EEA
D7
D6
D5
D4
D3
D2
D1
D0
EEAH
—
—
—
—
—
—
D9
D8
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
EEPROM Control Registers List – HT66F008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com