Electronic Components Datasheet Search
  English  ▼

X  

HT66F007 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
Rev. 1.41
32
April 11, 2017
Rev. 1.41
33
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughacombinationofconfigurationoptionsandregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Anexternaloscillatorrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,are
providedtoformawiderangeofbothfastandslowsystemoscillators.Thehighspeedoscillator
optionsareselectedthroughtheconfigurationoptions.Thehigherfrequencyoscillatorsprovide
higherperformancebutcarrywithitthedisadvantageofhigherpowerrequirements,whilethe
oppositeisofcoursetrueforthelowerfrequencyoscillators.Withthecapabilityofdynamically
switchingbetweenfastandslowsystemclock,thedeviceshavetheflexibilitytooptimizethe
performance/powerratio,afeatureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~20MHz
OSC1/OSC2
Internal High Speed RC
HIRC
4, 8, 12MHz
—
Internal Low Speed RC
LIRC
32kHz
—
Oscillator Types
System Clock Configurations
Therearethreemethodsofgeneratingthesystemclock,twohighspeedoscillatorsandalowspeed
oscillator.Thehighspeedoscillatorsaretheexternalcrystal/ceramicoscillatorandtheinternal
4MHz,8MHz,12MHzRCoscillator.Thelowspeedoscillatoristheinternal32kHzRCoscillator.
Selectingwhethertheloworhighspeedoscillatorisusedasthesystemoscillatorisimplemented
usingtheHLCLKbitandCKS2~CKS0bitsintheSMODregisterandasthesystemclockcanbe
dynamicallyselected.
Theactualsourceclockusedforthehighspeedoscillatorischosenviaconfigurationoptions.The
frequencyoftheslowspeedorhighspeedsystemclockisalsodeterminedusingtheHLCLKbitand
CKS2~CKS0bitsintheSMODregister.Notethattwooscillatorselectionsmustbemadenamely
onehighspeedandonelowspeedsystemoscillators.Itisnotpossibletochooseano-oscillator
selectionforeitherthehighorlowspeedoscillator.TheOSC1andOSC2pinsareusedtoconnect
theexternalcomponentsfortheexternalcrystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com