Electronic Components Datasheet Search
  English  ▼

X  

HT7M2176 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Rev. 1.20
11
June 17, 2016
HT7M2126/27/36/56/76
Bit Assignment Summary for all Registers
For User Mode
Register
Pointer
(hex)
Msb/
Lsb
Bit Assigment
7
6
5
4
3
2
1
0
00H
R/W
Msb
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Lsb
—
—
—
—
—
—
ACC1
ACC0
01H
R/W
Msb
VLVD2
VLVD1
VLVD0
LVDEN
PirEN
D10
Trig mode
ACTEN
Lsb
Threshold2 Threshold1 Threshold0
PGAC4
PGAC3
PGAC2
PGAC1
PGAC0
02H
R/W
Msb
Lumi6
Lumi5
Lumi4
Lumi3
Lumi2
Lumi1
Lumi0
LUMIEN
Lsb
Madd6
Madd5
Madd4
Madd3
Madd2
Madd1
Madd0
D0
03H
R/W
Msb
Titv15
Titv14
Titv13
Titv12
Titv11
Titv10
Titv9
Titv8
Lsb
Titv7
Titv6
Titv5
Titv4
Titv3
Titv2
Titv1
Titv0
04H
R/W
Msb
Dbit7
Dbit6
Dbit5
Dbit4
Dbit3
Dbit2
Dbit1
Dbit0
Lsb
—
EEOK
R/W
—
EEADD3
EEADD2
EEADD1
EEADD0
05H
R
Msb
—
—
—
—
PirRAW11
PirRAW10
PirRAW9
PirRAW8
Lsb
PirRAW7
PirRAW6
PirRAW5
PirRAW4
PirRAW3
PirRAW2
PirRAW1
PirRAW0
06H
R
Msb
—
—
—
—
LumiRAW11 LumiRAW10 LumiRAW9 LumiRAW8
Lsb
LumiRAW7 LumiRAW6 LumiRAW5 LumiRAW4
LumiRAW3
LumiRAW2
LumiRAW1 LumiRAW0
07H
R
Msb
—
—
—
—
TsRAW11
TsRAW10
TsRAW9
TsRAW8
Lsb
TsRAW7
TsRAW6
TsRAW5
TsRAW4
TsRAW3
TsRAW2
TsRAW1
TsRAW0
08H
R
Msb
Ini
—
—
—
—
—
—
LVD
Lsb
BLumi
—
—
—
—
Fnoise
Fagtrg
Ftrg
09H
R
Msb
0
0
0
0
0
1
0
0
Lsb
1
1
0
1
1
0
0
1
0AH
R
Msb
Ver15
Ver14
Ver13
Ver12
Ver11
Ver10
Ver9
Ver8
Lsb
Ver7
Ver6
Ver5
Ver4
Ver3
Ver2
Ver1
Ver0
“—”: Unimplemented, read as "0".
0. Config standby with detecting mode
• Config Register → ADDRESS: 00H
Bit
15
14
13
12
11
10
9
8
Name
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
ACC1
ACC0
R/W
—
—
—
—
—
—
R/W
R/W
Bit 15~8
Temp7~ Temp0: Current Temperature (°C)
Bit7~2
Unimplemented,readas“0”
Bit 1~0
ACC1~ACC0:Definethepreiodofstandbywithdetectingmode
00: 4ms (Default)
01: 8ms
10: 16ms
11: 32ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com