Electronic Components Datasheet Search
  English  ▼

X  

HT7M2176 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Rev. 1.20
14
June 17, 2016
HT7M2126/27/36/56/76
// also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits
// and Send NAK bit
2. Config Module Address – Madd
• CONGIF MODULE ADDRESS → ADDRESS: 02H
Bit
15
14
13
12
11
10
9
8
Name
Lumi6
Lumi5
Lumi4
Lumi3
Lumi2
Lumi1
Lumi0
LUMIEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Name
Madd6
Madd5
Madd4
Madd3
Madd2
Madd1
Madd0
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 15~9
Lumi6~Lumi0
These bits define the photo transistor A/D conversion thresholds for threshold triggering of
brightness setting.
Whenthevalueislarger,environmentneedsmoredark(Default1Fh).
Bit 8
LUMIEN
1: Enable Brightness detection and make it associate with PIR detect
PIR detection will be started when the brightness less than Lumi setting which is the brightness
value of the corresponding.
0: Disable Brightness detection and make it associate with PIR detect
Bit 7~1
Madd6~Madd0:ConfigModuleI2C Address
TheAddresscannotbechanged,mustbefixedas4Ch.
Bit 0
D0: Reserved bit.
Note: Address is MSB 7 bits, bit 0 reserved.
SCL
SDA
SCL
SDA
1
2
3
4
56
7
8
1
2
34
5
6
78
0
01
1
00
W
A
C
K
00
00
0
00
1
1
S
A
C
K
Address Byte
HT7M21xx
Configuration Pointer
HT7M21xx
1
2
3
4
56
7
8
1
2
34
5
6
78
0
0
0
0
000
A
C
K
0
1
01
0
10
P
0
A
C
K
MSB Data
HT7M21xx
LSB Data
HT7M21xx
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com