Electronic Components Datasheet Search
  English  ▼

X  

HT7M2176 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Rev. 1.20
12
June 17, 2016
HT7M2126/27/36/56/76
1. Sensor Config Register – CONFIG
• Sensor Config Register → ADDRESS: 01H
Bit
15
14
13
12
11
10
9
8
Name
VLVD2
VLVD1
VLVD0
LVDEN
PirEN
D10
Trig mode
ACTEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Name
Threshold2 Threshold1 Threshold0
PGAC4
PGAC3
PGAC2
PGAC1
PGAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 15~13
VLVD2~VLVD0: Select LVD Voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V (Default)
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.0V
Bit 12
LVDEN
1: Turn on the low voltage detection function (Default)
0: Turn off the low voltage detection function
Bit 11
PirEN
1: Enable PIR detect (Default)
0: Disable PIR detect
Bit 10
D10: Reserved bit
1: Not use, reserve for test mode
0: Not use, reserve for test mode (Default)
Bit 9
Trig mode
1: Continuous trigger (Default)
0: Single trigger
Bit 8
ACTEN
1: Enable ACT pin function (Default)
0: Disable ACT pin function
Bit 7~5
Threshold2~Threshold0
000: Threshold Trigger 1 (offset ± 0.2), (Default)
001: Threshold Trigger 2 (offset ± 0.3)
010: Threshold Trigger 3 (offset ± 0.4)
011: Threshold Trigger 4 (offset ± 0.5)
100: Threshold Trigger 5 (offset ± 0.6)
101: Threshold Trigger 6 (offset ± 0.7)
110: Threshold Trigger 7 (offset ± 0.8)
111: Threshold Trigger 8 (offset ± 0.9)
Note: lower sensitivity when at high threshold trigger.
Bit 4~0
PGAC4~PGAC0
OPA2GainControl:gain=32+(PGAC×2),Defaultgain=64
Note:Highersensitivitywhenathighmagnification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com