Electronic Components Datasheet Search
  English  ▼

X  

HT7M2176 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Rev. 1.20
18
June 17, 2016
HT7M2126/27/36/56/76
• Temperature sensor Specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD
Analog Voltage
—
2.7
—
5.5
V
VREFO
Bandgap output voltage
No load @ 3V
-3%
1.04
+3%
V
VTPS
Temperature Sensor Voltage
—
-10%
0.91
+10%
V
Tslope
Temp. sensor Slope
—
—
3.12
—
mV/°C
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE); // WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x07);
// Write TSRAW Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01); // READ Command
// also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits (UpperByte = High 4bit)
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (LowerByte = Low 8bit)
// and Send NAK bit
8. Module Status
• MODULE STATUS → ADDRESS: 08H
Bit
15
14
13
12
11
10
9
8
Name
Ini
—
—
—
—
—
—
LVD
R/W
R
—
—
—
—
—
—
R
Bit
7
6
5
4
3
2
1
0
Name
BLumi
—
—
—
—
Fnoise
Fagtrg
Ftrg
R/W
R
—
—
—
—
R
R
R
Bit 15
Ini
1: module initialing/module initial failed
0: module initial ok
Bit 14~9
Unimplemented read as 0
Bit 8
LVD
1: Low Voltage Detect
0: No Low Voltage Detect
Bit 7
BLumi
1: Night, darkness detected
0: Day, brightness detected
Bit 6~3
Unimplemented read as 0
Bit 2
Fnoise
1: PIR noise detected
0: No PIR noise detected
Bit 1
Fagtrg
1: PIR trig again (notice: This bit can be trig when Trig mode = 1)
0: No PIR trig again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com