Electronic Components Datasheet Search
  English  ▼

X  

HT82V70 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Rev. 1.00
32
January 12, 2017
HT82V70
Bit
Mode
Description
Default
1
R/W
CIS2 Component 2 LAMP or CIS2 Component 8 LAMP Selection
0: CIS2 Component 2 LAMP
1: CIS2 Component 8 LAMP
Note: When setting this bit to "0", register P6_02[5:0] belongs to
Component 2 LAMP and vice versa.
0
0
R/W
CIS2 Component 1 LAMP or CIS2 Component 7 LAMP Selection
0: CIS2 Component 1 LAMP
1: CIS2 Component 7 LAMP
Note: When setting this bit to "0", register P6_01[5:0] belongs to
Component 1 LAMP and vice versa.
0
• Address P2_18h: CIS Black Level Clamp Control Register
Bit
Mode
Description
Default
7
R/W
CIS Black Level Clamp Position Selection
0: CIS1 Black Level Clamp Position Selection
1: CIS2 Black Level Clamp Position Selection
Note: CIS1/CIS2 Black Level Clamp Position Register at P2_19 is
selected by this bit register.
0
6
—
Reserved
—
5
R/W
CIS2 Black Level Enable
0: Disable
1: Enable
0
4
R/W
CIS1 Black Level Enable
0: Disable
1: Enable
0
3-2
R/W
CIS2 Black Level Clamp Width
00: 4 pixels
01: 8 pixels
10: 16 pixels
11: 32 pixels
00
1-0
R/W
CIS1 Black Level Clamp Width
00: 4 pixels
01: 8 pixels
10: 16 pixels
11: 32 pixels
00
• Address P2_19h: CIS1/2 Black Level Clamp Position Register
Bit
Mode
Description
Default
7
—
Reserved
—
6-0
R/W
Black Level Clamp Position. Number of pixels in which Auto Black
pulse is delayed, relative to falling edge of the SH pulse
0
• Address P2_1Ah: CIS To ASIC Data Mapping Register
Bit
Mode
Description
Default
7
R/W
CIS2 4~6 Output Sequence Reverse
0: Normal (4 5 6 4 5 6 4 5 6)
1: Reverse (6 5 4 6 5 4 6 5 4)
0
6
R/W
CIS2 1~3 Output Sequence Reverse
0: Normal
1: Reverse
0
5
R/W
CIS1 4~6 Output Sequence Reverse
0: Normal
1: Reverse
0
4
R/W
CIS1 1~3 Output Sequence Reverse
0: Normal
1: Reverse
0
3
—
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com