Electronic Components Datasheet Search
  English  ▼

X  

HT82V70 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V70 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Rev. 1.00
4
January 12, 2017
HT82V70
Pin
100
pin
Description
Name
DIR
TYP
DRV
CIS1_UVLED
DO
T
8
44
CIS Module UV LED Active Slot Control
CIS1_IR2LED
DO
T
8
45
CIS Module IR2 LED Active Slot Control
CIS1_MODE
DO
C
4
46
CIS Mode Select
CIS1_SP
DO
C
8
47
CIS Module Start Pulse
AFE1_DIN0
DI
U
─
48
AFE_DIN0 from external 1ST AFE
AFE1_DIN1
DI
U
─
49
AFE_DIN1 from external 1ST AFE
AFE1_DIN2
DI
U
─
50
AFE_DIN2 from external 1ST AFE
AFE1_DIN3
DI
U
─
51
AFE_DIN3 from external 1ST AFE
AFE1_DIN4
DI
U
─
52
AFE_DIN4 from external 1ST AFE
AFE1_DIN5
DI
U
─
53
AFE_DIN5 from external 1ST AFE
AFE1_DIN6
DI
U
─
54
AFE_DIN6 from external 1ST AFE
AFE1_DIN7
DI
U
─
55
AFE_DIN7 from external 1ST AFE
AFE1_DIN8
DI
U
─
56
AFE_DIN8 from external 1ST AFE
AFE1_DIN9
DI
U
─
57
AFE_DIN9 from external 1ST AFE
AFE1_DIN10
DI
U
─
58
AFE_DIN10 from external 1ST AFE
PVDD
P
─
─
59
Pad Power Pin
AFE1_ADCK
DO
C
8
60
AFE ADCK Output to 1ST AFE
AFE1_CLP
DO
C
8
61
AFE Clamp Output to 1ST AFE
AFE1_SHD
DO
C
8
62
AFE SHD Output to 1ST AFE
PVSS
P
─
─
63
Pad Ground Pin
AFE1_DIN11
DI
U
─
64
AFE_DIN11 from external 1ST AFE
AFE1_DIN12
DI
U
─
65
AFE_DIN12 from external 1ST AFE
AFE1_DIN13
DI
U
─
66
AFE_DIN13 from external 1ST AFE
AFE1_DIN14
DI
U
─
67
AFE_DIN14 from external 1ST AFE
AFE1_DIN15
DI
U
─
68
AFE_DIN15 from external 1ST AFE
ROLLER_OUT
DO
T
8
69
Roller Square Wave Output
FRM_START
DI
U
─
70
Frame Start Input
ROLLER_IN
DI
U
─
71
Roller Input, Sine wave
DVSS
P
─
─
72
Digital Ground Pin
V18_FLT
P
─
─
73
1.8V LDO Filter
PVDDREG
P
─
─
74
Regulator Power 3.3V Pin
AVSS
P
─
─
75
Regulator Ground Pin
XIN
AI
─
─
76
Crystal Oscillator Input
XOUT
AO
─
─
77
Crystal Oscillator Output
RSTN
DI
S,U
─
78
System Reset, Active Low
TEST
DI
D
─
79
TEST mode pin
AFE2_DIN0
DI
U
─
80
AFE_DIN0 from external 2nd AFE
AFE2_DIN1
DI
U
─
81
AFE_DIN1 from external 2nd AFE
AFE2_DIN2
DI
U
─
82
AFE_DIN2 from external 2nd AFE
AFE2_DIN3
DI
U
─
83
AFE_DIN3 from external 2nd AFE
AFE2_DIN4
DI
U
─
84
AFE_DIN4 from external 2nd AFE
AFE2_DIN5
DI
U
─
85
AFE_DIN5 from external 2nd AFE
AFE2_DIN6
DI
U
─
86
AFE_DIN6 from external 2nd AFE
AFE2_DIN7
DI
U
─
87
AFE_DIN7 from external 2nd AFE
PVDD
P
─
─
88
Pad Power Pin
AFE2_ADCK
DO
T
8
89
AFE ADCK Output to 2nd AFE
AFE2_CLP
DO
T
8
90
AFE Clamp Output to 2nd AFE
AFE2_SHD
DO
T
8
91
AFE SHD Output to 2nd AFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com