Electronic Components Datasheet Search
  English  ▼

X  

HT82V70 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
Rev. 1.00
35
January 12, 2017
HT82V70
• Address P3_01h: TG CIS_1 CH_1/4 Start of Valid Pixels LSB Register
Bit
Mode
Description
Default
7-0
R/W
Start of Valid Pixels – Least Significant Byte.
Selects the pixel count where the data status bits begin to indicate
valid pixels.
Note: Start valid pixels means distance from falling edge of SH to
beginning of valid pixel. If channel_1/4 start valid pixel and end
valid pixel register are all zero, there is no data captured in this
channel.
01h/01h
• Address P3_02h: TG CIS_1 CH_1/4 End of Valid Pixels MSB Register
Bit
Mode
Description
Default
7-6
—
Reserved
—
5-0
R/W
End of Valid Pixels – Most Significant 6 Bits.
Selects the pixel count where the data status bits stop indicating valid
pixels.
01h/01h
• Address P3_03h: TG CIS_1 CH_1/4 End of Valid Pixels LSB Register
Bit
Mode
Description
Default
7-0
R/W
End of Valid Pixels – Least Significant Byte.
Selects the pixel count where the data status bits stop indicating valid
pixels.
Note: End valid pixels means the distance from the falling edge of
SH to the end of valid pixel. If the channel_1/4 start valid pixel
and the end valid pixel registers are all zero, there is no data
captured in this channel.
B0h/B0h
• Address P3_04h: TG CIS_1 CH_2/5 Start of Valid Pixels MSB Register
Bit
Mode
Description
Default
7-6
—
Reserved
—
5-0
R/W
Start of Valid Pixels – Most Significant 6 Bits.
Selects the pixel count where the data status bits begin to indicate
valid pixels.
00h/00h
• Address P3_05h: TG CIS_1 CH_2/5 Start of Valid Pixels LSB Register
Bit
Mode
Description
Default
7-0
R/W
Start of Valid Pixels – Least Significant Byte.
Selects the pixel count where the data status bits begin to indicate
valid pixels.
Note: Start valid pixels means the distance from falling edge of SH to
the beginning of valid pixel. If the channel_2/5 start valid pixel
and the end valid pixel registers are all zero, there is no data
captured in this channel.
01h/01h
• Address P3_06h: TG CIS_1 CH_2/5 End of Valid Pixels MSB Register
Bit
Mode
Description
Default
7-6
—
Reserved
—
5-0
R/W
End of Valid Pixels – Most Significant 6 Bits.
Selects the pixel count where the data status bits stop indicating valid
pixels.
01h/01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com