Electronic Components Datasheet Search
  English  ▼

X  

HT46R004 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 84Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Rev. 1.30
80
�an�a�� ��� �01�
Rev. 1.30
81
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
20-pin DIP (300mil) Outline Dimensions




)
*
+
,
-.
/
0
1




)
*
+
,
-.
/
0
1
Fig1. Full Lead Packages
Fig2. 1/2 Lead Packages
See Fig1
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.�80
—
1.0�0
B
0.�40
—
0.�80
C
0.115
—
0.1�5
D
0.115
—
0.150
E
0.014
—
0.0��
F
0.045
—
0.070
G
—
0.100
—
H
0.300
—
0.3�5
I
—
0.430
—
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
�4.8�
—
��.��
B
�.10
—
7.11
C
�.��
—
4.�5
D
�.��
—
3.81
E
0.3�
—
0.5�
F
1.14
—
1.78
G
—
�.54
—
H
7.��
—
8.��
I
—
10.��
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com