Electronic Components Datasheet Search
  English  ▼

X  

HT46R004 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 84Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
Rev. 1.30
8�
�an�a�� ��� �01�
Rev. 1.30
83
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
20-pin SOP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.3�3
—
0.41�
B
0.�5�
—
0.300
C
0.01�
0.0�0
C’
0.4��
—
0.51�
D
—
—
0.104
E
—
0.050
—
F
0.004
—
0.01�
G
0.01�
—
0.050
H
0.008
—
0.013
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
�.�8
—
10.�4
B
�.50
—
7.��
C
0.30
0.51
C’
1�.�0
—
13.00
D
—
—
�.�4
E
—
1.�7
—
F
0.10
—
0.30
G
0.41
—
1.�7
H
0.�0
—
0.33
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com