Electronic Components Datasheet Search
  English  ▼

X  

HT46R004 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
Rev. 1.30
18
�an�a�� ��� �01�
Rev. 1.30
1�
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
Indirect Addressing Program Example
data . section ‘data’
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code. section at 0 code
org 00h
start:
mov a,04h
; set size of block
mov block,a
mov a,offset adres1
; Accumulator loaded with first RAM address
mov mp0,a
; set memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
Theimportantpointtonotehereisthatintheexampleshownabove,noreferenceismadetospecific
DataMemoryaddresses.
Accumulator – ACC
TheAccumulatoriscentraltotheoperationofanymicrocontrollerandiscloselyrelatedwith
operationscarriedoutbytheALU.TheAccumulatoristheplacewhereallintermediateresults
fromtheALUarestored.WithouttheAccumulatoritwouldbenecessarytowritetheresultof
eachcalculationorlogicaloperationsuchasaddition,subtraction,shift,etc.,totheDataMemory
resultinginhigherprogrammingandtimingoverheads.Datatransferoperationsusuallyinvolve
thetemporarystoragefunctionoftheAccumulator;forexample,whentransferringdatabetween
oneuser-definedregisterandanother,itisnecessarytodothisbypassingthedatathroughthe
Accumulatorasnodirecttransferbetweentworegistersispermitted.
Program Counter Low Register – PCL
Toprovideadditionalprogramcontrolfunctions,thelowbyteoftheProgramCounterismade
accessibletoprogrammersbylocatingitwithintheSpecialPurposeareaoftheDataMemory.By
manipulatingthisregister,directjumpstootherprogramlocationsareeasilyimplemented.Loading
avaluedirectlyintothisPCLregisterwillcauseajumptothespecifiedProgramMemorylocation,
howeverastheregisterisonly8-bitwideonlyjumpswithinthecurrentProgramMemorypageare
permitted.Whensuchoperationsareused,notethatadummycyclewillbeinserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com