Electronic Components Datasheet Search
  English  ▼

X  

HT46R004 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
Rev. 1.30
14
�an�a�� ��� �01�
Rev. 1.30
15
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
Instruction
Table Location Bits
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC[m] @10
@�
@8
@7
@�
@5
@4
@3
@�
@1
@0
TABRDL[m]
1
1
1
@7
@�
@5
@4
@3
@�
@1
@0
Table Location
Note:PC10~PC8:CurrentprogramCounterbits
@7~@0:TablePointerTBLPbits
Table Read Program Example
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialize table pointer - note that this address is referenced
mov tblp, a
; to the last page or present page
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer to tempreg1
; data at prog. memory address “0706H” transferred to tempreg1 and
; TBLH
dec tblp
; reduce value of table pointer by one
tabrdl tempreg2
; transfers value in table referenced by table pointer to tempreg2
; data at prog. memory address “0705H” transferred to
; tempreg2 and TBLH
; in this example the data “1AH” is transferred to tempreg1 and
; data “0FH” to register tempreg2 the value “00H” will be
; transferred to the high byte register TBLH
:
:
org 0700h
; sets initial address of last page
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com