Electronic Components Datasheet Search
  English  ▼

X  

HT48R002 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Rev. 1.11
44
April 11, 2017
Rev. 1.11
45
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Timer Program Example
TheprogramshowshowtheTimer/EventCounterregistersaresetalongwithhowtheinterruptsare
enabledandmanaged.NotehowtheTimer/EventCounteristurnedon,bysettingbit4oftheTimer
ControlRegister.TheTimer/EventCountercanbeturnedoffinasimilarwaybyclearingthesame
bit.ThisexampleprogramsetstheTimer/EventCounterstobeinthetimermode,whichusesthe
internalsystemclockastheirclocksource.
PFD Programming Example
org 04h
; external interrupt vector
org 08h
; Timer Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer 0 overflows
:
:
org 20h
; main program
:
:
; internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
:
:
begin:
; set Timer 0 registers
mov a,09bh
; set Timer 0 preload value
mov tmr0,a
mov a,081h
; set Timer 0 control register
mov tmr0c,a
; timer mode and prescaler set to /2
mov a,0c0H
; select fSYS for the TMR0 clock source
mov wdtc,a
; set interrupt register
mov a,05h
; enable master interrupt and both timer interrupts
mov intc0,a
:
:
set tmr0c.4
; start Timer 0
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com