Electronic Components Datasheet Search
  English  ▼

X  

HT48R002 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 67Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 68Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 69Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 70Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 71Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Rev. 1.11
66
April 11, 2017
Rev. 1.11
67
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
10-pin MSOP Outline Dimensions
A1
A
E1
e
B
A2
R 0. 10
(4 C OR NE RS )
L
E
C
G
D
1
5
6
10
L1
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
—
0.043
A1
0.000
—
0.006
A2
0.030
0.033
0.037
B
0.007
—
0.013
C
0.003
—
0.009
D
—
0.118 BSC
—
E
—
0.193 BSC
—
E1
—
0.118 BSC
—
e
—
0.020 BSC
—
L
0.016
0.024
0.031
L1
—
0.037 BSC
—
y
—
0.004
—
θ
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
—
1.10
A1
0.00
—
0.15
A2
0.75
0.85
0.95
B
0.17
—
0.33
C
0.08
—
0.23
D
—
3.00 BSC
—
E
—
4.90 BSC
—
E1
—
3.00 BSC
—
e
—
0.50 BSC
—
L
0.40
0.60
0.80
L1
—
0.95 BSC
—
y
—
0.10
—
θ
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com