Electronic Components Datasheet Search
  English  ▼

X  

HT48R002 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Rev. 1.11
6
April 11, 2017
Rev. 1.11
7
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Pin Description
HT48R002
Pin Name Function
OPT
I/T
O/T
Description
PA0
PA0
PAPU
PAWU
ST CMOS General purpose I/O. Register enabled pull-up and wake-up.
PA1/TMR
PA1
PAPU
PAWU
ST CMOS General purpose I/O. Register enabled pull-up and wake-up.
TMR
TMR0C
ST
—
Timer/Event counter 0 input
PA2/INT
PA2
PAPU
PAWU
ST CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
INTC0
CTRL1
ST
—
External interrupt input
PA3~PA4
PA3~PA4
PAPU
ST CMOS General purpose I/O. Register enabled pull-up.
PA5
PA5
PAPU
PAWU
ST CMOS General purpose I/O. Register enabled pull-up and wake-up.
PA6
PA6
PAPU
ST CMOS General purpose I/O. Register enabled pull-up.
PA7/RES
PA7
PAPU
ST NMOS General purpose I/O
RES
—
ST
—
Reset input
VDD
VDD
—
PWR
—
Power supply
VSS
VSS
—
PWR
—
Ground
Note:OPT:Optionalbyregisteroption
I/T:Inputtype
O/T:Outputtype;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
NMOS:NMOSoutput;
PWR:Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com