Electronic Components Datasheet Search
  English  ▼

X  

HT48R002 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 67Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 68Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Rev. 1.11
64
April 11, 2017
Rev. 1.11
65
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
8-pin DIP (300mil) Outline Dimensions

&
#
"

)
*
+
,
-
.
/
0
1
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.355
0.365
0.400
B
0.240
0.250
0.280
C
0.115
0.130
0.195
D
0.115
0.130
0.150
E
0.014
0.018
0.022
F
0.045
0.060
0.070
G
—
0.100 BSC
—
H
0.300
0.310
0.325
I
—
—
0.430
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.02
9.27
10.16
B
6.10
6.35
7.11
C
2.92
3.30
4.95
D
2.92
3.30
3.81
E
0.36
0.46
0.56
F
1.14
1.52
1.78
G
—
2.54 BSC
—
H
7.26
7.87
8.26
I
—
—
10.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com