Electronic Components Datasheet Search
  English  ▼

X  

37C672 Datasheet(PDF) 13 Page - SMSC Corporation

Part # 37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C672 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button 37C672 Datasheet HTML 9Page - SMSC Corporation 37C672 Datasheet HTML 10Page - SMSC Corporation 37C672 Datasheet HTML 11Page - SMSC Corporation 37C672 Datasheet HTML 12Page - SMSC Corporation 37C672 Datasheet HTML 13Page - SMSC Corporation 37C672 Datasheet HTML 14Page - SMSC Corporation 37C672 Datasheet HTML 15Page - SMSC Corporation 37C672 Datasheet HTML 16Page - SMSC Corporation 37C672 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 13
Rev. 10-29-03
PRELIMINARY DATASHEET
PIN NO.
QFP/TQFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
12 /10
Head Select
1
nHDSEL
O24/OD24
8 / 6
Step Direction
1
nDIR
O24/OD24
9 / 7
Step Pulse
1
nSTEP
O24/OD24
17 / 15
Disk Change
1
nDSKCHG
IS
5 / 3
Drive Select 0
1
nDS0
O24/OD24
4 / 2
Drive Select 1
1
nDS1
O24/OD24
3 / 1
Motor On 0
1
nMTR0
O24/OD24
6 / 4
Motor On 1
1
nMTR1
O24/OD24
15 / 13
Write Protected
1
nWRTPRT
IS
14 / 12
Track 0
1
nTRKO
IS
13 / 11
Index Pulse Input
1
nINDEX
IS
1 / 99
Drive Density Select 0
1
DRVDEN0
O24/OD24
2 / 100
Drive Density Select 1/IR Mode Select/IRRX3
1
DRVDEN1/
IRMODE/
IRRX3
O24/OD24/O
24/I
SERIAL PORT 1 INTERFACE (8)
84 / 82
Receive Serial Data 1
1
RXD1
I
85 / 83
Transmit Serial Data 1
1
TXD1
O4
87 / 85
Request to Send 1
1
nRTS1/ SYSOP
O4/I
88 / 86
Clear to Send 1
1
nCTS1
I
89 / 87
Data Terminal Ready 1
1
nDTR1
O4
86 / 84
Data Set Ready 1
1
nDSR1
I
91 / 89
Data Carrier Detect 1
1
nDCD1
I
90 / 88
Ring Indicator 1
1
nRI1
I
SERIAL PORT 2 INTERFACE (8)
95 / 93
Receive Serial Data 2/Infrared Rx
1
RXD2/IRRX
I
96 / 94
Transmit Serial Data 2/Infrared Tx
1
TXD2/IRTX
O24
98 / 96
Request to Send 2/Sys Addr 12/ Parallel IRQ_5
1
nRTS2/SA12/IR
Q5
O4/I/O24/
OD24
(Note 3.1)
99 / 97
Clear to Send 2/Sys Addr 13/ Parallel IRQ_6
1
nCTS2/SA13/IR
Q6
I/I/O24/ OD24
(Note 3.1)
100 / 98
Data Terminal Ready/Sys Addr 14/ Parallel IRQ_7
1
nDTR2/SA14/I
RQ7
O4/I/O24/
OD24
(Note 3.1)
97 / 95
Data Set Ready 2/Sys Addr 15/ Parallel
IRQ_10/nSMI
1
nDSR2/SA15/I
RQ10/
nSMI
I/I/O24/OD 24
(Note 3.1)
94 / 92
Data Carrier Detect 2/8042 P12/ Parallel IRQ_11
1
nDCD2/P12/
IRQ11
I/IO24/O24/O
D24
(Note 3.1)
92 / 90
Ring Indicator 2/8042 P16/Parallel IRQ_12
1
nRI2/P16/
IRQ12
I/IO24/O24/O
D24
(Note 3.1)
PARALLEL PORT INTERFACE (17)
68:75 /
66:73
Parallel Port Data Bus
8
PD[0:7]
IO24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com