Electronic Components Datasheet Search
  English  ▼

X  

37C672 Datasheet(PDF) 77 Page - SMSC Corporation

Part # 37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C672 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button 37C672 Datasheet HTML 73Page - SMSC Corporation 37C672 Datasheet HTML 74Page - SMSC Corporation 37C672 Datasheet HTML 75Page - SMSC Corporation 37C672 Datasheet HTML 76Page - SMSC Corporation 37C672 Datasheet HTML 77Page - SMSC Corporation 37C672 Datasheet HTML 78Page - SMSC Corporation 37C672 Datasheet HTML 79Page - SMSC Corporation 37C672 Datasheet HTML 80Page - SMSC Corporation 37C672 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 77
Rev. 10-29-03
DATASHEET
One side-effect of having a Rx FIFO is that the selected interrupt trigger level may be above the data level
in the FIFO. This could occur when data at the end of the block contains fewer bytes than the trigger level.
No interrupt would be issued to the CPU and the data would remain in the UART. To prevent the
software from having to check for this situation the chip incorporates a timeout interrupt.
The timeout interrupt is activated when there is a least one byte in the Rx FIFO, and neither the CPU nor
the Rx shift register has accessed the Rx FIFO within 4 character times of the last byte. The timeout
interrupt is cleared or reset when the CPU reads the Rx FIFO or another character enters it.
These FIFO related features allow optimization of CPU/UART transactions and are especially useful given
the higher baud rate capability (256 kbaud).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com