Electronic Components Datasheet Search
  English  ▼

X  

37C672 Datasheet(PDF) 90 Page - SMSC Corporation

Part # 37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C672 Datasheet(HTML) 90 Page - SMSC Corporation

Back Button 37C672 Datasheet HTML 86Page - SMSC Corporation 37C672 Datasheet HTML 87Page - SMSC Corporation 37C672 Datasheet HTML 88Page - SMSC Corporation 37C672 Datasheet HTML 89Page - SMSC Corporation 37C672 Datasheet HTML 90Page - SMSC Corporation 37C672 Datasheet HTML 91Page - SMSC Corporation 37C672 Datasheet HTML 92Page - SMSC Corporation 37C672 Datasheet HTML 93Page - SMSC Corporation 37C672 Datasheet HTML 94Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 90
Rev. 10-29-03
DATASHEET
12.3.1 Register Definitions
The register definitions are based on the standard IBM addresses for LPT. All of the standard printer ports
are supported. The additional registers attach to an upper bit decode of the standard LPT port definition to
avoid conflict with standard ISA devices. The port is equivalent to a generic parallel port interface and may
be operated in that mode. The port registers vary depending on the mode field in the ecr. The table below
lists these dependencies. Operation of the devices in modes other that those specified is undefined.
Table 12.4 - ECP Register Definitions
NAME
ADDRESS (Note 12.7)
ECP MODES
FUNCTION
data
+000h R/W
000-001
Data Register
ecpAFifo
+000h R/W
011
ECP FIFO (Address)
dsr
+001h R/W
All
Status Register
dcr
+002h R/W
All
Control Register
cFifo
+400h R/W
010
Parallel Port Data FIFO
ecpDFifo
+400h R/W
011
ECP FIFO (DATA)
tFifo
+400h R/W
110
Test FIFO
cnfgA
+400h R
111
Configuration Register A
cnfgB
+401h R/W
111
Configuration Register B
ecr
+402h R/W
All
Extended Control Register
Note 12.7 These addresses are added to the parallel port base address as selected by configuration register or
jumpers.
Note 12.8 All addresses are qualified with AEN. Refer to the AEN pin definition.
Table 12.5 - Mode Descriptions
MODE
DESCRIPTION (Note 12.9)
000
SPP mode
001
PS/2 Parallel Port mode
010
Parallel Port Data FIFO mode
011
ECP Parallel Port mode
100
EPP mode (If this option is enabled in the configuration registers)
101
(Reserved)
110
Test mode
111
Configuration mode
Note 12.9 Refer to ECR Register Description
DATA and ecpAFifo PORT
ADDRESS OFFSET = 00H
Modes 000 and 001 (Data Port)
The Data Port is located at an offset of '00H' from the base address. The data register is cleared at
initialization by RESET. During a WRITE operation, the Data Register latches the contents of the data bus
on the rising edge of the nIOW input. The contents of this register are buffered (non inverting) and output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com