Electronic Components Datasheet Search
  English  ▼

X  

CS4399 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 54Page - Cirrus Logic CS4399 Datasheet HTML 55Page - Cirrus Logic CS4399 Datasheet HTML 56Page - Cirrus Logic CS4399 Datasheet HTML 57Page - Cirrus Logic CS4399 Datasheet HTML 58Page - Cirrus Logic CS4399 Datasheet HTML 59Page - Cirrus Logic CS4399 Datasheet HTML 60Page - Cirrus Logic CS4399 Datasheet HTML 61Page - Cirrus Logic CS4399 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
58
DS1113F1
CS4399
5.10 Example Sequences
23 Configure DSD Interface
DSD Interface Configuration. 0x70003
0x00
Reserved
DSD_M/SB
DSD_PM_EN
DSD_PM_SEL
0000 0
0
0
0
DSD is clock slave
Function is disabled
Function is disabled
24 Configure DSD path Signal
Control 2
DSD Processor Path Signal Control 2.
0x70004
0x13
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
00
1
0
0
1
1
Set source of DSD processor to DSDIF
Enable DSD playback
Set DSD clock speed to 64•FS
Static DSD detection enabled
Invalid DSD detection enabled
25 Configure DAC output
26 Configure Class H Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
111
1
0
Output Signal determines voltage level
High Voltage Mode Enabled
Using Internal VCPFILT source.
27 Set DAC output to full scale
Analog Output Control 1. 0x80000
0x30
Reserved
Reserved
OUT_FS
Reserved
Reserved
0
0
11
0
000
Set DAC output to Full Scale (1.732 V rms)
28 Configure Headphone Detect
HP Detect. 0xD0000
0x04
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
00
0
00
10
0
HP Detect disabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0ms
Tip sense falling debounce time set to 500ms
29 Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
00
10
0
HP Detect enabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0ms
Tip sense falling debounce time set to 500ms
30 Enable Interrupts
31 Read Interrupt Status 1 register (0xF0000) and Interrupt Status 5 register (0xF0004) to clear sticky bits
32 Enable Headphone Detect
Interrupts
Interrupt Mask 1. 0xF0010
0x81
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
0
0
0
0
1
Unmask HPDETECT_PLUG interrupt and
HPDETECT_UNPLUG interrupt
33 Enable DSD Interrupts
Interrupt Mask 5. 0xF0014
0x03
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
1
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Disable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
34 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000)
35 Switch MCLK source to PLL
System Clocking Control 1. 0x10006
0x01
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
0
01
MCLK Source set to PLL. MCLK_INT frequency set
to 24.576 MHz
36 Wait at least 150 µs
37 Power up DAC
Refer to Ex. 5-6 for DSD power-up sequence. Skip Step 1 of Ex. 5-6 (completed in Step 8 above).
Example 5-8. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com