Electronic Components Datasheet Search
  English  ▼

X  

CS4399 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 56Page - Cirrus Logic CS4399 Datasheet HTML 57Page - Cirrus Logic CS4399 Datasheet HTML 58Page - Cirrus Logic CS4399 Datasheet HTML 59Page - Cirrus Logic CS4399 Datasheet HTML 60Page - Cirrus Logic CS4399 Datasheet HTML 61Page - Cirrus Logic CS4399 Datasheet HTML 62Page - Cirrus Logic CS4399 Datasheet HTML 63Page - Cirrus Logic CS4399 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 111 page
background image
60
DS1113F1
CS4399
5.10 Example Sequences
19 Set ASP numerator
ASP Numerator 1. 0x40010
0x03
ASP_N_LSB
0x03 LSB of ASP sample rate fractional divide
numerator
ASP Numerator 2. 0x40011
0x00
ASP_N_MSB
0x00 MSB of ASP sample rate fractional divide
numerator
20 Set ASP denominator
ASP Denominator 1. 0x40012
0x08
ASP_M_LSB
0x08 LSB of ASP sample rate fractional divide
denominator
ASP Denominator 2. 0x40013
0x00
ASP_M_MSB
0x00 MSB of ASP sample rate fractional divide
denominator
21 Set ASP LRCK high time
ASP LRCK High Time 1. 0x40014
0x17
ASP_LCHI_LSB
0x17 LSB of ASP LRCK high time duration
ASP LRCK High Time 2. 0x40015
0x00
ASP_LCHI_MSB
0x00 MSB of ASP LRCK high time duration
22 Set ASP LRCK period
ASP LRCK Period 1. 0x40016
0x2F
ASP_LCPR_LSB
0x2F LSB of ASP LRCK period
ASP LRCK Period 2. 0x40017
0x00
ASP_LCPR_MSB
0x00 MSB of ASP LRCK period
23 Configure ASP clock
ASP Clock Configuration. 0x40018
0x1C
Reserved
ASP_M/SB
ASP_SCPOL_OUT
ASP_SCPOL_IN
ASP_LCPOL_OUT
ASP_LCPOL_IN
000
1
1
1
0
0
Set ASP port to be Master
Set output SCLK polarity
Input SCLK polarity is don't care
Set Output LRCK polarity
Input LRCK polarity is don't care
24 Configure ASP frame
ASP Frame Configuration. 0x40019
0x0A
Reserved
ASP_STP
ASP_5050
ASP_FSD
000
0
1
010
Configure ASP port to accept I2S input
25 Set ASP channel location
ASP Channel 1 Location. 0x50000
0x00
ASP_RX_CH1
0x00 ASP Channel 1 starts on SCLK0
ASP Channel 2 Location. 0x50001
0x00
ASP_RX_CH2
0x00 ASP Channel 2 starts on SCLK0
26 Set ASP channel size and enable
ASP Channel 1 Size and Enable.
0x5000A
0x06
Reserved
ASP_RX_CH1_AP
ASP_RX_CH1_EN
ASP_RX_CH1_RES
0000
0
1
10
ASP Channel 1 active phase
ASP Channel 1 enable
ASP Channel 1 size is 24 bits
ASP Channel 2 Size and Enable.
0x5000B
0x0E
Reserved
ASP_RX_CH2_AP
ASP_RX_CH2_EN
ASP_RX_CH2_RES
0000
1
1
10
ASP Channel 2 active phase
ASP Channel 2 enable
ASP Channel 2 size is 24 bits
27 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000).
28 Configure DSD processor
29 Configure DSD volume
DSD Volume A. 0x70001
0x00
DSD_VOLUME_A
0x00 Channel A volume set to 0 dB
30 Configure DSD Path Signal Control 1
DSD Processor Path Signal Control 1.
0x70002
0xEC
Reserved
DSD_VOL_BEQA
DSD_SZC
Reserved
DSD_AMUTE
DSD_AMUTE_BEQA
DSD_MUTE_A
DSD_MUTE_B
1
1
1
0
1
1
0
0
DSD Volume B equals DSD volume A
Soft ramp control enabled
Mute occurs after 256 repeated 8-bit DSD mute
patterns
Mute happens only when mute pattern is detected
in both channels
Function is disabled
Function is disabled
Example 5-9. DoP Playback with PLL (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com