Electronic Components Datasheet Search
  English  ▼

X  

CS4399 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 86Page - Cirrus Logic CS4399 Datasheet HTML 87Page - Cirrus Logic CS4399 Datasheet HTML 88Page - Cirrus Logic CS4399 Datasheet HTML 89Page - Cirrus Logic CS4399 Datasheet HTML 90Page - Cirrus Logic CS4399 Datasheet HTML 91Page - Cirrus Logic CS4399 Datasheet HTML 92Page - Cirrus Logic CS4399 Datasheet HTML 93Page - Cirrus Logic CS4399 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
90
DS1113F1
CS4399
7.6 Interrupt Status and Mask Registers
7.6 Interrupt Status and Mask Registers
5
HPDETECT_
UNPLUG_
DBC
HPDETECT unplug debounce status. Setting HPDETECT_INV reverses the meaning of this bit.
0 (Default) Condition is not present
1 Condition is present
4:0
—
Reserved
7.6.1
Interrupt Status 1
Address 0xF0000
R/O
76543210
DAC_OVFL_
INT
HPDETECT_
PLUG_INT
HPDETECT_
UNPLUG_INT
XTAL_READY_
INT
XTAL_
ERROR_INT
PLL_READY_
INT
PLL_ERROR_
INT
PDN_DONE_
INT
Default
00000000
Bits
Name
Description
7
DAC_OVFL_
INT
Status indicating DAC modulator overflow condition is detected.
0 Condition is not present
1 Condition is present
6
HPDETECT_
PLUG_INT
Status indicating HP plug event is detected.
0 Condition is not present
1 Condition is present
5
HPDETECT_
UNPLUG_INT
Status indicating HP unplug event is detected.
0 Condition is not present
1 Condition is present
4XTAL_
READY_INT
Status indicating XTAL is ready after PDN_XTAL is cleared.
0 Condition is not present
1 Condition is present
3XTAL_
ERROR_INT
Status indicating XTAL error condition is detected after PDN_XTAL is cleared.
0 Condition is not present
1 Condition is present
2
PLL_READY_
INT
Status indicating PLL ready condition is detected after PLL_START is set.
0 Condition is not present
1 Condition is present
1
PLL_ERROR_
INT
Status indicating PLL error condition is detected after PLL_START is set.
0 Condition is not present
1 Condition is present
0PDN_DONE_
INT
Status indicating PDN_HP process is completed after a request.
0 Condition is not present
1 Condition is present
7.6.2
Interrupt Status 2
Address 0xF0001
R/O
76543210
ASP_OVFL_
INT
ASP_ERROR_
INT
ASP_LATE_
INT
ASP_EARLY_
INT
ASP_
NOLRCK_INT
—
Default
00000000
Bits
Name
Description
7
ASP_OVFL_
INT
ASP RX request overload.
0 Condition is not present
1 Condition is present
6ASP_
ERROR_INT
ASP RX LRCK error. Logical OR of LRCK early and LRCK late errors.
0 Condition is not present
1 Condition is present
5
ASP_LATE_
INT
ASP RX LRCK late.
0 Condition is not present
1 Condition is present
4
ASP_EARLY_
INT
ASP RX LRCK early.
0 Condition is not present
1 Condition is present
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com