Electronic Components Datasheet Search
  English  ▼

X  

WM8523 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8523 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8523 Datasheet HTML 6Page - Cirrus Logic WM8523 Datasheet HTML 7Page - Cirrus Logic WM8523 Datasheet HTML 8Page - Cirrus Logic WM8523 Datasheet HTML 9Page - Cirrus Logic WM8523 Datasheet HTML 10Page - Cirrus Logic WM8523 Datasheet HTML 11Page - Cirrus Logic WM8523 Datasheet HTML 12Page - Cirrus Logic WM8523 Datasheet HTML 13Page - Cirrus Logic WM8523 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
WM8523
Production Data
w
PD, Rev 4.2, August 2013
10
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25
°C, Slave Mode
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
27
ns
BCLK pulse width high
tBCH
11
ns
BCLK pulse width low
tBCL
11
ns
LRCLK set-up time to BCLK rising edge
tLRSU
7
ns
LRCLK hold time from BCLK rising edge
tLRH
5
ns
DACDAT hold time from LRCLK rising edge
tDH
5
ns
DACDAT set-up time to BCLK rising edge
tDS
7
ns
Table 2 Slave Mode Audio Interface Timing
Note:
BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com