Electronic Components Datasheet Search
  English  ▼

X  

WM8523 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8523 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8523 Datasheet HTML 14Page - Cirrus Logic WM8523 Datasheet HTML 15Page - Cirrus Logic WM8523 Datasheet HTML 16Page - Cirrus Logic WM8523 Datasheet HTML 17Page - Cirrus Logic WM8523 Datasheet HTML 18Page - Cirrus Logic WM8523 Datasheet HTML 19Page - Cirrus Logic WM8523 Datasheet HTML 20Page - Cirrus Logic WM8523 Datasheet HTML 21Page - Cirrus Logic WM8523 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
WM8523
Production Data
w
PD, Rev 4.2, August 2013
18
SPI CONTROL MODE
The WM8523 can also be controlled by writing to registers through a SPI control interface. A control word
consists of 24 bits. The first bit is the read/write bit (R/W
¯¯), which is followed by 7 address bits (A6 to A0)
that determine which control register is accessed. The remaining 16 bits (B15 to B0) are data bits,
corresponding to the 16 bits in each control register.
Volume update registers R06h and R07h are unavailable in SPI control mode. To use volume update in
software control mode, I
2C mode must be used.
In SPI mode, every rising edge of SCLK clocks in one data bit from the SDA pin. A rising edge on CS
¯¯
latches in a complete control word consisting of the last 24 bits.
The SPI mode write operation protocol is illustrated in Figure 12.
Figure 12 SPI Control Interface – write operation
In Write operations (R/W
¯¯=0), all SDA bits are driven by the controlling device.
In Read operations (R/W
¯¯=1), the SDA pin is ignored following receipt of the valid register address. The
data bits are output by the WM8523 on the SDOUT pin.
The SPI mode read operation protocol is illustrated in Figure 13.
Figure 13 SPI Control Interface – read operation
REGISTER RESET
Any write to register R0 (00h) will reset the WM8523. All register bits are reset to their default values.
DEVICE ID AND REVISION
Reading from register R0 (00h) returns the device ID. Reading from register R1 returns the device
revision number.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
DEVICE_ID
00h
15:0
DEVICE_ID
[15:0]
10000101
00100011
Device ID
A read of this register will return the device
ID, 0x8523.
R1
REVISION
01h
2:0
CHIP_REV
[2:0]
N/A
Device Revision
A read of this register will return the device
revision number. This number is
sequentially incremented if the device design
is updated.
Table 8 Device ID and Revision Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com