Electronic Components Datasheet Search
  English  ▼

X  

WM8711BL Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8711BL
Description  Ultra-Small Audio DAC with Headphone Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8711BL Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8711BL Datasheet HTML 5Page - Cirrus Logic WM8711BL Datasheet HTML 6Page - Cirrus Logic WM8711BL Datasheet HTML 7Page - Cirrus Logic WM8711BL Datasheet HTML 8Page - Cirrus Logic WM8711BL Datasheet HTML 9Page - Cirrus Logic WM8711BL Datasheet HTML 10Page - Cirrus Logic WM8711BL Datasheet HTML 11Page - Cirrus Logic WM8711BL Datasheet HTML 12Page - Cirrus Logic WM8711BL Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Production Data
WM8711BL
w
PD, Rev 4.2, December 2011
943
HEADPHONE SNR VS AVDD
24-bit data; DCVDD=1.5V; DBVDD=1.8V; Load=32Ohm; fs=44.1kHz; Output=-5dBFS (sine)
SNR vs AVDD (DAC Playback to Headphone)
90
91
92
93
94
95
96
97
98
99
1.5
2
2.5
3
3.5
4
AVDD = HPVDD (V)
ANALOGUE SUPPLY CURRENT VS AVDD
24-bit data; DCVDD=1.5V; DBVDD=1.8V; Load=16Ohm; fs=44.1kHz; Output=quiescent
Supply Current vs AVDD (DAC Playback to Headphone)
1.5
2
2.5
3
3.5
4
1
1.5
2
2.533.5
4
AVDD = HPVDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com