Electronic Components Datasheet Search
  English  ▼

X  

WM8711BL Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8711BL
Description  Ultra-Small Audio DAC with Headphone Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8711BL Datasheet(HTML) 4 Page - Cirrus Logic

  WM8711BL Datasheet HTML 1Page - Cirrus Logic WM8711BL Datasheet HTML 2Page - Cirrus Logic WM8711BL Datasheet HTML 3Page - Cirrus Logic WM8711BL Datasheet HTML 4Page - Cirrus Logic WM8711BL Datasheet HTML 5Page - Cirrus Logic WM8711BL Datasheet HTML 6Page - Cirrus Logic WM8711BL Datasheet HTML 7Page - Cirrus Logic WM8711BL Datasheet HTML 8Page - Cirrus Logic WM8711BL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
WM8711BL
Production Data
w
PD, Rev 4.2, December 2011
444
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
XTI/MCLK
Digital Input
Crystal Input or Master Clock Input (MCLK)
2
XTO
Digital Output
Crystal Output
3
DCVDD
Supply
Digital Core VDD
4
DGND
Ground
Digital GND
5
DBVDD
Supply
Digital Buffers VDD
6
CLKOUT
Digital Output
Buffered Clock Output
7
BCLK
Digital Input/Output
Digital Audio Bit Clock, Pull Down (see Note 1)
8
DACDAT
Digital Input
DAC Digital Audio Data Input
9
DACLRC
Digital Input/Output
DAC Sample Rate Left/Right Clock, Pull Down (see Note 1)
10
HPVDD
Supply
Headphone VDD
11
LHPOUT
Analogue Output
Left Channel Headphone Output
12
RHPOUT
Analogue Output
Right Channel Headphone Output
13
HPGND
Ground
Headphone GND
14
LOUT
Analogue Output
Left Channel Line Output
15
ROUT
Analogue Output
Right Channel Line Output
16
AVDD
Supply
Analogue VDD
17
AGND
Ground
Analogue GND
18
VMID
Analogue Output
Mid-rail reference decoupling point
19
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
20
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
21
MODE
Digital Input
Control Interface Selection, Pull up (see Note 1)
22
CSB
Digital Input
3-Wire MPU Chip Select/ 2-Wire MPU interface address
selection, active low, Pull up (see Note 1)
23
SDIN
Digital Input/Output
3-Wire MPU Data Input / 2-Wire MPU Data Input
24
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
Note:
1.
Pull Up/Down only present when Control Register Interface ACTIVE=0 to conserve power.
2.
It is recommended that the QFN ground paddle is connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com