Electronic Components Datasheet Search
  English  ▼

X  

WM8711BL Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8711BL
Description  Ultra-Small Audio DAC with Headphone Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8711BL Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8711BL Datasheet HTML 28Page - Cirrus Logic WM8711BL Datasheet HTML 29Page - Cirrus Logic WM8711BL Datasheet HTML 30Page - Cirrus Logic WM8711BL Datasheet HTML 31Page - Cirrus Logic WM8711BL Datasheet HTML 32Page - Cirrus Logic WM8711BL Datasheet HTML 33Page - Cirrus Logic WM8711BL Datasheet HTML 34Page - Cirrus Logic WM8711BL Datasheet HTML 35Page - Cirrus Logic WM8711BL Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
WM8711BL
Production Data
w
PD, Rev 4.2, December 2011
3244
Once the WM8711BL has acknowledged a correct address, the controller will send eight data bits
(bits B[15]-B[8]). WM8711BL will then acknowledge the sent data by pulling SDIN low for one clock
pulse. The controller will then send the remaining eight data bits (bits B[7]-B[0]) and the WM8711BL
will then acknowledge again by pulling SDIN low.
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a start
or stop condition is detected out of sequence at any point in the data transfer then the device will
jump to the idle condition.
After receiving a complete address and data sequence the WM8711BL returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.
POWER DOWN MODES
The WM8711BL contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in the table
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000110
Power Down
Control
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Line Output Power Down
1 = Enable Power Down
0 = Disable Power Down
5
OSCPD
0
Oscillator Power Down
1 = Enable Power Down
0 = Disable Power Down
6
CLKOUTPD
0
CLKOUT Power Down
1 = Enable Power Down
0 = Disable Power Down
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 19 Power Conservation Modes Software Control
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during playback or record. Please follow the special instructions below if dynamic
implementations are being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com