Electronic Components Datasheet Search
  English  ▼

X  

WM8711BL Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8711BL
Description  Ultra-Small Audio DAC with Headphone Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8711BL Datasheet(HTML) 1 Page - Cirrus Logic

  WM8711BL Datasheet HTML 1Page - Cirrus Logic WM8711BL Datasheet HTML 2Page - Cirrus Logic WM8711BL Datasheet HTML 3Page - Cirrus Logic WM8711BL Datasheet HTML 4Page - Cirrus Logic WM8711BL Datasheet HTML 5Page - Cirrus Logic WM8711BL Datasheet HTML 6Page - Cirrus Logic WM8711BL Datasheet HTML 7Page - Cirrus Logic WM8711BL Datasheet HTML 8Page - Cirrus Logic WM8711BL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
w
WM8711BL
Ultra-Small Audio DAC with Headphone Amplifier
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, December 2011, Rev 4.2
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8711BL is an ultra-small, low power stereo DAC
with an integrated headphone driver. It is designed
specifically for portable audio systems requiring hi-fi stereo
playback through headphones.
Stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to 96kHz are supported.
Stereo audio outputs are buffered for driving headphones
from a programmable volume control, line level outputs are
also provided along with anti-thump mute and power
up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes, de-emphasis and extensive power
management facilities. The device is available in an ultra-
small 24-lead QFN (4x4x0.9 mm Body) package.
A USB clocking mode is provided where all audio rates can
be derived from a single 12MHz or 24MHz MCLK, saving on
the need for a PLL or multiple crystals.
FEATURES
Audio Performance
-
DAC SNR 97dB (‘A’ weighted) at AVDD = 3.3V
-
DAC SNR 90dB (‘A’ weighted) at AVDD = 1.8V
Low Power Headphone Playback
-
Down to 6mW at 1.8V
-
1.42 – 3.6V Digital Supply Operation
-
1.8 – 3.6 V Analogue Supply Operation
DAC Sampling Frequency: 8kHz – 96kHz
2 or 3-Wire MPU Serial Control Interface
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified or DSP
-
16/20/24/32 bit Word Lengths
-
Master or Slave Clocking Mode
Stereo Audio Outputs
Output Volume and Mute Controls
Highly Efficient Headphone Driver
24-lead QFN (4x4x0.9 mm) package
APPLICATIONS
 Multimedia Mobile Phones
Portable MP3 / CD Players
BLOCK DIAGRAM
DIGITAL
FILTERS
CONTROL INTERFACE
VOL/
MUTE
VOL/
MUTE
H/P
DRIVER
H/P
DRIVER
RHPOUT
LHPOUT
ROUT
LOUT
+6 to -73dB
1 dB Steps
HPVDD
HPGND
+6 to -73dB
1 dB Steps
DACLRC
BCLK
DACDAT
MUTE
MUTE
DAC
DAC
LLINEIN
RLINEIN
OSC
CLKIN
DIVIDER
(Div x1,
x2)
CLKIN
DIVIDER
(Div x1,
x2)
WM8711B


Similar Part No. - WM8711BL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BLGEFL/RV WOLFSON-WM8711BLGEFL/RV Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BLGEFL/V WOLFSON-WM8711BLGEFL/V Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
More results

Similar Description - WM8711BL

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5634 REALTEK-ALC5634 Datasheet
948Kb / 55P
I2S AUDIO DAC HEADPHONE AMPLIFIER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com