Electronic Components Datasheet Search
  English  ▼

X  

WM8741 Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 43Page - Cirrus Logic WM8741 Datasheet HTML 44Page - Cirrus Logic WM8741 Datasheet HTML 45Page - Cirrus Logic WM8741 Datasheet HTML 46Page - Cirrus Logic WM8741 Datasheet HTML 47Page - Cirrus Logic WM8741 Datasheet HTML 48Page - Cirrus Logic WM8741 Datasheet HTML 49Page - Cirrus Logic WM8741 Datasheet HTML 50Page - Cirrus Logic WM8741 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Production Data
WM8741
w
PD, Rev 4.3, February 2013
47
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R5
Format
Control
05h
[1:0]
IWL[1:0]
10
Audio interface input word length.
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit
[3:2]
FMT[1:0]
10
Audio data format select.
00 = right justified mode
01 = left justified mode
10 = I2S mode
11 = DSP mode
4
LRP
0
Polarity select for LRCLK/DSP mode select.
0 = normal LRCLK polarity/DSP mode A
1 = inverted LRCLK polarity/DSP mode B
5
BCP
0
BCLK / DSD64CLK polarity select:
0 = normal polarity
1 = inverted polarity
6
REV
0
Analogue output phase control:
0 = Normal
1 = Inverted
7
PWDN
0
Power Down Mode Select:
0 = Normal Mode
1 = Power Down Mode
Table 58 R5 Format Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R6
Filter Control
06h
[2:0]
FIRSEL
000
Select advanced digital filter response:
000 = Response 1
001 = Response 2
010 = Response 3
011 = Response 4
100 = Response 5
[4:3]
DSDFILT
00
Select DSD compensation filter response:
00 = Response 1
01 = Response 2
10 = Response 3
11 = Response 4
[6:5]
DEEMPH
[1:0]
00
De-emphasis mode select:
00 = De-emphasis Off
01 = De-emphasis 32kHz
10 = De-emphasis 44.1kHz
11 = De-emphasis 48kHz
7
ZFLAG_HI
0
ZFLAG Force High Control
0 = Normal operation
1 = Output Logic 1
Table 59 R6 Filter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com