Electronic Components Datasheet Search
  English  ▼

X  

WM8741 Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 47Page - Cirrus Logic WM8741 Datasheet HTML 48Page - Cirrus Logic WM8741 Datasheet HTML 49Page - Cirrus Logic WM8741 Datasheet HTML 50Page - Cirrus Logic WM8741 Datasheet HTML 51Page - Cirrus Logic WM8741 Datasheet HTML 52Page - Cirrus Logic WM8741 Datasheet HTML 53Page - Cirrus Logic WM8741 Datasheet HTML 54Page - Cirrus Logic WM8741 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Production Data
WM8741
w
PD, Rev 4.3, February 2013
51
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Medium Rate (88.2/96kHz) PCM Filter Response 1
Passband
 0.000021 dB
0.208fs
Passband Ripple
0.000021
dB
Stopband
0.500fs
Stopband Attenuation
-120.3
dB
Attenuation at fs/2
Fs/2
-120.41
dB
Group Delay
17
fs
Medium Rate (88.2/96kHz) PCM Filter Response 2
Passband
 0.000014 dB
0.208fs
Passband Ripple
0.000014
dB
Stopband
0.500fs
Stopband Attenuation
-120.8
dB
Attenuation at fs/2
Fs/2
-127.96
dB
Group Delay
9
fs
Medium Rate (88.2/96kHz) PCM Filter Response 3
Passband
 0.000048 dB
0.417fs
Passband Ripple
0.000048
dB
Stopband
0.500fs
Stopband Attenuation
-115.5
dB
Attenuation at fs/2
Fs/2
-116.89
dB
Group Delay
48
fs
Medium Rate (88.2/96kHz) PCM Filter Response 4
Passband
 0.000021 dB
0.208fs
Passband Ripple
0.000021
dB
Stopband
0.458fs
Stopband Attenuation
-120.0
dB
Attenuation at fs/2
Fs/2
-126.82
dB
Group Delay
9
fs
Medium Rate (88.2/96kHz) PCM Filter Response 5
Passband
 0.000023 dB
0.208fs
Passband Ripple
0.000023
dB
Stopband
0.458fs
Stopband Attenuation
-122.5
dB
Attenuation at fs/2
Fs/2
-130.52
dB
Group Delay
8
fs
Table 65 Medium Rate PCM Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com