Electronic Components Datasheet Search
  English  ▼

X  

WM8741 Datasheet(PDF) 53 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 49Page - Cirrus Logic WM8741 Datasheet HTML 50Page - Cirrus Logic WM8741 Datasheet HTML 51Page - Cirrus Logic WM8741 Datasheet HTML 52Page - Cirrus Logic WM8741 Datasheet HTML 53Page - Cirrus Logic WM8741 Datasheet HTML 54Page - Cirrus Logic WM8741 Datasheet HTML 55Page - Cirrus Logic WM8741 Datasheet HTML 56Page - Cirrus Logic WM8741 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Production Data
WM8741
w
PD, Rev 4.3, February 2013
53
DSD PLUS MODE FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSD Plus Filter Response 1
Passband
 0.020423 dB
22.48
kHz
Passband Ripple
0.020423
dB
Stopband
127.69
kHz
Stopband Attenuation
-38.51
dB
Filter Cut-off
-3dB point
58.91
kHz
Group Delay
71
fs
DSD Plus Filter Response 2
Passband
 0.011308dB
23.04
kHz
Passband Ripple
0.011308
dB
Stopband
120.41
kHz
Stopband Attenuation
-44.52
dB
Filter Cut-off
-3dB point
49.83
kHz
Group Delay
127
fs
DSD Plus Filter Response 3
Passband
 0.019762 dB
27.35
kHz
Passband Ripple
0.019762
dB
Stopband
70.14
kHz
Stopband Attenuation
-26.28
dB
Filter Cut-off
-3dB point
49.74
kHz
Group Delay
46
Fs
DSD Plus Filter Response 4
Passband
 0.004140 dB
20.24
kHz
Passband Ripple
0.004140
dB
Stopband
70.03
kHz
Stopband Attenuation
-48.05
dB
Filter Cut-off
-3dB point
49.78
kHz
Group Delay
127
fs
Table 68 DSD Plus Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com