Electronic Components Datasheet Search
  English  ▼

X  

SIP5630 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP5630
Description  9-Line SCSI Bus Terminators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5630 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP5630 Datasheet HTML 2Page - Vishay Siliconix SIP5630 Datasheet HTML 3Page - Vishay Siliconix SIP5630 Datasheet HTML 4Page - Vishay Siliconix SIP5630 Datasheet HTML 5Page - Vishay Siliconix SIP5630 Datasheet HTML 6Page - Vishay Siliconix SIP5630 Datasheet HTML 7Page - Vishay Siliconix SIP5630 Datasheet HTML 8Page - Vishay Siliconix SIP5630 Datasheet HTML 9Page - Vishay Siliconix SIP5630 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SiP5630
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
FUNCTIONAL BLOCK DIAGRAMLVD OPERATION
17
21
35
34
33
REG
1.3 V
1
Enable
Current Limited
Source/Sink
Regulator
Comparators
V t 0.5 = S/E
0.7 t V t1.9 = LVD
V u 2.4 = HPD
HPD
LVD
S/E
20
19
5
4
32
31
Current Limited
Source/Sink
Regulator
Mode Control And
Enable/Disable
Circuitry
10 mA
MODE
DISABLE
DIFFS
MSTR/SLV
T1N
T1P
T9P
T9N
1.25 V
1.07 mA
52.5 W
115 W
1.07 mA
52.5 W
1.07 mA
52.5 W
115 W
1.07 mA
52.5 W
FUNCTIONAL BLOCK DIAGRAMS/E OPERATION
17
21
35
34
33
REG
1.3 V
1
Enable
Current Limited
Source/Sink
Regulator
Comparators
V t 0.5 = S/E
0.7 t V t1.9 = LVD
V u 2.4 = HPD
HPD
LVD
S/E
20
19
5
4
32
31
Current Limited
Source/Sink
Regulator
Mode Control And
Enable/Disable
Circuitry
10 mA
MODE
DISABLE
DIFFS
MSTR/SLV
T1N
T1P
T9P
T9N
2.7 V
108 W
30 W
108 W
30 W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com