Electronic Components Datasheet Search
  English  ▼

X  

SIP5630 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP5630
Description  9-Line SCSI Bus Terminators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5630 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP5630 Datasheet HTML 1Page - Vishay Siliconix SIP5630 Datasheet HTML 2Page - Vishay Siliconix SIP5630 Datasheet HTML 3Page - Vishay Siliconix SIP5630 Datasheet HTML 4Page - Vishay Siliconix SIP5630 Datasheet HTML 5Page - Vishay Siliconix SIP5630 Datasheet HTML 6Page - Vishay Siliconix SIP5630 Datasheet HTML 7Page - Vishay Siliconix SIP5630 Datasheet HTML 8Page - Vishay Siliconix SIP5630 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SiP5630
Vishay Siliconix
New Product
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
www.vishay.com
1
9-Line SCSI Bus Terminators
FEATURES
D Auto Selection of S/E or LVD SCSI Termination
D 2.7-V to 5.25-V TERMPWR Range
D Meets SCSI-1, SCSI-2, SPI-2 (ULTRA-2), SPI-3
(ULTRA-160) and SPI-4 (ULTRA-320) Standards
D Differential Failsafe Bias
D Thermal Package
D On-Chip Thermal Shutdown Circuit
D Master/Slave Input
D Active Negation
D Hot Swap Compatible
D Pin Compatible with UCC5630 and UCC5670
D Lead (Pb)-Free QSOP-36 Package
APPLICATIONS
D Disk Array (RAID)
D Storage Area Networks (SAN)
D Network Attached Storage (NAS)
D SCSI Cable
D Server and Workstation
D Industrial Computers
D High-End Personal Computers
DESCRIPTION
The SiP5630 provides active bus termination suitable for all
SCSI bus operational modes from SCSI-1 through SPI-4
(Ultra 320). The termination includes impedance matching of
the SCSI bus to minimize signal reflections from the end of the
bus, as well as required SCSI bus biasing for either S/E (Single
Ended) or LVD (Low Voltage Differential) operation.
The SiP5630 has nine (9) output channels (T1-T9). Each
output channel provides termination for one SCSI data signal,
parity signal or control signal. Two SiP5630 ICs provide
complete termination for a narrow SCSI Bus; three ICs provide
complete termination for a wide SCSI bus.
The SiP5630 senses the operational state of the SCSI bus via
the DIFFSENS bus signal, and automatically switches to S/E
or LVD operation as required. It cannot be used on an HPD
(High Power Differential) SCSI bus, and goes into high
impedance mode when the voltage on the DIFFSENS line
indicates HPD operation. The SiP5630 also presents high
impedance to the SCSI bus if the DISABLE pin is asserted, or
if TERMPWR is removed from the IC.
The SiP5630 is available in a lead (Pb)-free QSOP-36
package for operation over the temperature range of 0 to
70_C.
FUNCTIONAL BLOCK DIAGRAM
See Functional Diagrams
(Page 6) for detailed descriptions
of SCSI Terminator Impedance
Circuits in LVD and S/E modes of
operation.
17
21
35
34
33
36
Heat Sink GND Pins
GND
REG
1.3 V
8
9
10
26
27
28
1
18
Enable
Current Limited
Source/Sink
Regulator
Comparators
V t 0.5 = S/E
0.7 t V t1.9 = LVD
V u 2.4 = HPD
HPD
LVD
S/E TERMPWR
20
19
5
4
32
31
Current Limited
Source/Sink
Regulator
Mode Control And
Enable/Disable
Circuitry
SCSI
Terminator
Impedance
Circuits
10 mA
MODE
DISABLE
DIFFS
MSTR/SLV
T1N
T1P
T9P
T9N


Similar Part No. - SIP5630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5668CS VISHAY-SIP5668CS Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5668CS-TR-E3 VISHAY-SIP5668CS-TR-E3 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
15-Line SCSI Bus Terminators
11-Oct-04
SIP5678CS-TR-E3 VISHAY-SIP5678CS-TR-E3 Datasheet
117Kb / 11P
15-Line SCSI Bus Terminators
11-Oct-04
More results

Similar Description - SIP5630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
9 - LINE LVD SCSI TERMINATO
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
9-Line Multimode SCSI Terminator
logo
Vishay Siliconix
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
15-Line SCSI Bus Terminators
11-Oct-04
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
9-LINE SCSI ACTIVE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
Multimode SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com