Electronic Components Datasheet Search
  English  ▼

X  

SIP5630 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP5630
Description  9-Line SCSI Bus Terminators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5630 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP5630 Datasheet HTML 2Page - Vishay Siliconix SIP5630 Datasheet HTML 3Page - Vishay Siliconix SIP5630 Datasheet HTML 4Page - Vishay Siliconix SIP5630 Datasheet HTML 5Page - Vishay Siliconix SIP5630 Datasheet HTML 6Page - Vishay Siliconix SIP5630 Datasheet HTML 7Page - Vishay Siliconix SIP5630 Datasheet HTML 8Page - Vishay Siliconix SIP5630 Datasheet HTML 9Page - Vishay Siliconix SIP5630 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SiP5630
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
LVD TYPICAL CHARACTERISTICS
100
105
110
115
120
125
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
0
1020
3040
506070
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
0
1020
3040
506070
100
105
110
115
120
125
0
1020
3040
506070
Differential Fail-Safe Bias vs. TERMPWR
Differential Impedance vs. TERMPWR
Common Mode Bias vs. TERMPWR
Common Mode Bias vs. Temperature
Temperature (_C)
Temperature (_C)
Temperature (_C)
TERMPWR (V)
TERMPWR (V)
Differential Fail-Safe Bias vs. Temperature
Differential Impedance vs. Temperature
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com