Electronic Components Datasheet Search
  English  ▼

X  

SIP5630 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP5630
Description  9-Line SCSI Bus Terminators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5630 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP5630 Datasheet HTML 1Page - Vishay Siliconix SIP5630 Datasheet HTML 2Page - Vishay Siliconix SIP5630 Datasheet HTML 3Page - Vishay Siliconix SIP5630 Datasheet HTML 4Page - Vishay Siliconix SIP5630 Datasheet HTML 5Page - Vishay Siliconix SIP5630 Datasheet HTML 6Page - Vishay Siliconix SIP5630 Datasheet HTML 7Page - Vishay Siliconix SIP5630 Datasheet HTML 8Page - Vishay Siliconix SIP5630 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SiP5630 (QSOP-36)
T1N
T2N
T5N
1
TERMPWR
36
REG
2
HPD
35
N/C
3LVD
34
N/C
4
S/E
33
T1P
5
T9N
32
6
T9P
31
T2P
7
30
T8N
8
T8P
29
H/S GND
9
H/S GND
28
H/S GND
10
H/S GND
27
H/S GND
11
H/S GND
26
T3P
12
T7N
25
T3N
13
T7P
24
T4P
14
T6N
23
T4N
15
T6P
22
T5P
16
MODE
21
17
DIFFS
20
DISABLE
18
MSTR/SLV
19
GND
Top View
SiP5630
Vishay Siliconix
New Product
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
www.vishay.com
5
PIN CONFIGURATION AND ORDERING INFORMATION
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP5630CG-T1—E3
0 to 70_C
SiP5630CG
PIN DESCRIPTION
Pin
Name
Function
1
REG
SCSI Regulator Output. Connect a 4.7-mF bypass capacitor from this pin to GND.
2, 3
N/C
No Connect.
4, 6, 11, 13,15, 22,
24, 29, 31
TXP; X = 1...9
Positive Terminator Channel Pins. Provide positive signal line termination in LVD operation, and are connected to
GND through low impedance in S/E operation. In HPD, DISABLE, or Power Off condition these pins present high
impedance to the SCSI Bus.
5, 7, 12, 14, 16, 23,
25, 30, 32
TXN; X = 1...9
Negative Terminator Channel Pins. Provide negative signal line termination in LVD operation, and line termination for
S/E operation. In HPD, DISABLE, or Power Off condition these pins present high impedance to the SCSI Bus.
8, 9, 10, 26, 27, 28
H/S GND
Heat Sink Ground. Should be connected to as large a grounded heat sink area on the PC board as is practical.
17
DISABLE
Chip Disable. There is a small (nominal 10 mA) pull up current on this pin. Pull this pin to GND to enable Bus
Termination. When this pin is left floating or pulled high all SCSI channel pins present high impedance to the SCSI
Bus, and the SCSI Regulator and DIFFSENS regulator are both disabled.
18
GND
Electrical ground connection for the terminator IC. Connect to the ground lines of the SCSI Bus
19
MSTR/SLV
Master/Slave. If this pin is tied to TERMPWR the output of the 1.3-V regulator for DIFFSENS is enabled. If this pin is
tied to GND the output of the 1.3-V regulator for DIFFSENS is inhibited.
20
DIFFS
DIFFSENS Regulator Output. Connect to the DIFFSENS line of the SCSI Bus to bias the mode selection function.
21
MODE
SCSI MODE Select Pin. Connect to the DIFFSENS line of the SCSI Bus to sense the present mode of operation on
the Bus. Decouple MODE from the DIFFSENS signal with a 50-kW/4.7mF low pass filter to meet SPI-3 mode change
requirements.
33, 34, 35
S/E, LVD, HPD
Status Output Pins. Respective pins are high when the terminator detects the corresponding mode of operation on
the SCSI Bus, and low otherwise.
36
TERMPWR
Power for the Terminator IC. Connect to the TERMPWR lines on the SCSI Bus and decouple with a 4.7-mF capacitor
to GND at the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com