Electronic Components Datasheet Search
  English  ▼

X  

CS49DV8 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 5 Page - Cirrus Logic

  CS49DV8 Datasheet HTML 1Page - Cirrus Logic CS49DV8 Datasheet HTML 2Page - Cirrus Logic CS49DV8 Datasheet HTML 3Page - Cirrus Logic CS49DV8 Datasheet HTML 4Page - Cirrus Logic CS49DV8 Datasheet HTML 5Page - Cirrus Logic CS49DV8 Datasheet HTML 6Page - Cirrus Logic CS49DV8 Datasheet HTML 7Page - Cirrus Logic CS49DV8 Datasheet HTML 8Page - Cirrus Logic CS49DV8 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
5
CS49DV8C Data Sheet
32-bit Audio DSP Family
1. Documentation Strategy
The CS49DV8C data sheet describes the CS49DV8C family of multichannel audio DSPs. This
document should be used in conjunction with the following documents when evaluating or designing a
system around the CS49DV8C family of processors.
The scope of the CS49DV8C Data Sheet is primarily the hardware specifications of the CS49DV8C
devices. This includes hardware functionality, characteristic data, pinout, and packaging information.
The intended audience for the CS49DV8C Data Sheet is the system PCB designer, MCU programmer,
and the quality control engineer.
2. Overview
The CS49DV8C DSP is designed to provide high-performance volume control using the Dolby Volume
algorithm. The CS49DV8, supports up to 7.1 Channels of Dolby Volume processing at 48 kHz, 44.1 kHz
or 32 kHz while leaving the 2nd core of the DSP completely available for even further processing
functions such as Quadruple Crossover Bass Management, Tone Control, and Multiband Parametric
EQ.
The CS49DV8C DSP, together with Cirrus Logic’s comprehensive library of audio processing algorithms,
enables the development of next-generation high-definition audio solutions. Cirrus Logic also provides a
broad array of digital interface products, and audio converters, to meet your audio system-level design
requirements.
The CS49DV8C is available in a 128-pin LQFP package.
Please refer to Table 2 on page 6 for the processor speed and available firmware for the CS49DV8C
product family.
Table 1. CS49DV8C Related Documentation
Document Name
Description
CS49DV8C Data Sheet
This document
CS4953xx Hardware User’s Manual
Detailed system design information including Typical
Connection Diagrams, boot-procedures, pin
descriptions, and other system configuration
information.
AN288PPH, “Dolby® Volume Module”
Application note contains an Application
Programming Interface (API) used to control the
Dolby Volume firmware.
DSP Composer
™ User’s Manual
Includes detailed configuration and usage
information for the GUI development tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com